Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT827CTP Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT827CTP
Description  FAST CMOS 10-BIT BUFFERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT827CTP Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT827CTP Datasheet HTML 1Page - Integrated Device Technology IDT74FCT827CTP Datasheet HTML 2Page - Integrated Device Technology IDT74FCT827CTP Datasheet HTML 3Page - Integrated Device Technology IDT74FCT827CTP Datasheet HTML 4Page - Integrated Device Technology IDT74FCT827CTP Datasheet HTML 5Page - Integrated Device Technology IDT74FCT827CTP Datasheet HTML 6Page - Integrated Device Technology IDT74FCT827CTP Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IDT54/74FCT827AT/BT/CT/DT, IDT54/74FCT2827AT/BT/CT
HIGH-PERFORMANCE CMOS BUFFERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.22
3
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
II H
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
±1
µA
II L
Input LOW Current(4)
VI = 0.5V
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = 2.7V
±1
µA
IOZL
(3-State Output pins)(4)
VO = 0.5V
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
±1
µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
VH
Input Hysteresis
200
mV
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
0.01
1
mA
2573 lnk 05
OUTPUT DRIVE CHARACTERISTICS FOR FCT2827T
2573 lnk 07
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IODL
Output LOW Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
16
48
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
–16
–48
mA
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –12mA MIL.
IOH = –15mA COM'L.
2.4
3.3
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 12mA
0.3
0.50
V
2573 lnk 06
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –6mA MIL.
IOH = –8mA COM'L.
2.4
3.3
V
IOH = –12mA MIL.
IOH = –15mA COM'L.
2.0
3.0
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 32mA MIL.
IOL = 48mA COM'L.
0.3
0.5
V
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–60
–120
–225
mA
OUTPUT DRIVE CHARACTERISTICS FOR FCT827T
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25
°C ambient.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. The test limit for this parameter is
±5µA at TA = –55°C.


Similar Part No. - IDT74FCT827CTP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT827C IDT-IDT74FCT827C Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827CD IDT-IDT74FCT827CD Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827CDB IDT-IDT74FCT827CDB Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827CE IDT-IDT74FCT827CE Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827CEB IDT-IDT74FCT827CEB Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
More results

Similar Description - IDT74FCT827CTP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
   Fast CMOS 3.3V 10-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
   Fast CMOS 3.3V 20-Bit Buffers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY74FCT827ATSOCTE4 TI1-CY74FCT827ATSOCTE4 Datasheet
289Kb / 11P
[Old version datasheet]   10-BIT BUFFERS WITH 3-STATE OUTPUTS
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
   LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com