Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77155 Datasheet(PDF) 47 Page - Integrated Device Technology

Part # IDT77155
Description  PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77155 Datasheet(HTML) 47 Page - Integrated Device Technology

Back Button IDT77155 Datasheet HTML 42Page - Integrated Device Technology IDT77155 Datasheet HTML 43Page - Integrated Device Technology IDT77155 Datasheet HTML 44Page - Integrated Device Technology IDT77155 Datasheet HTML 45Page - Integrated Device Technology IDT77155 Datasheet HTML 46Page - Integrated Device Technology IDT77155 Datasheet HTML 47Page - Integrated Device Technology IDT77155 Datasheet HTML 48Page - Integrated Device Technology IDT77155 Datasheet HTML 49Page - Integrated Device Technology IDT77155 Datasheet HTML 50Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
IIDT77155
ADVANCED INFORMATION
155Mbps ATM PHY (TC-PMD) USER NETWORK INTERFACE
Commercial Temperature Range
8.03
47
TXD+
TXD-
TXC+
TXC-
3497 drw 18
tSOV
Figure 15. Line Interface Transmit Timing
Figure 16. Line Interface Receive Timing
SYMBOL
DISCRIPTION
MIN.
MAX. UNITS
Receive line clock duty cycle
40%
60%
%
(155.52 MHz or 51.84 MHz - RBYP high)
( 19.44 MHz or 6.48 MHz - RBYP low )
tSOV
Transmit line clock output low to transmit differential data output
-2
2
ns
SYMBOL
DISCRIPTION
MIN.
MAX. UNITS
Receive line clock duty cycle
40%
60%
%
(155.52 MHz or 51.84 MHz - RBYP high)
( 19.44 MHz or 6.48 MHz - RBYP low )
tRDHD
Receive data hold time
(RBYP high)
1
ns
tRDSU
Receive data setup time (RBYP high)
2
ns
RXD+
RXD-
RRCLK+
RRCLK-
3497 drw 19
tRDHD
tRDSU


Similar Part No. - IDT77155

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77105L25TF IDT-IDT77105L25TF Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77105L25TFI IDT-IDT77105L25TFI Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
More results

Similar Description - IDT77155

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
PMC-Sierra, Inc
PM5352 PMC-PM5352 Datasheet
699Kb / 77P
   SATURN USER NETWORK INTERFACE 155 (STAR)
PM5351 PMC-PM5351 Datasheet
1Mb / 393P
   SATURN USER NETWORK INTERFACE (155-TETRA)
PM5349 PMC-PM5349 Datasheet
1Mb / 252P
   SATURN USER NETWORK INTERFACE (155-QUAD)
PM5348 PMC-PM5348 Datasheet
66Kb / 2P
   Two-Channel ATM SATURN User Network Interface
PM7324 PMC-PM7324 Datasheet
59Kb / 4P
   SATURN User Network Interface ATM Layer Solution
PM7324-1 PMC-PM7324-1 Datasheet
49Kb / 2P
   SATURN User Network Interface ATM Layer Solution
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
   155 Mb/s SATURN User Network Interface
PM5345 PMC-PM5345 Datasheet
70Kb / 2P
   S/UNI-155 SATURN USER NETWORK INTERFACE
PM5346 PMC-PM5346 Datasheet
65Kb / 2P
   155 Mb/s SATURN User Network Interface for LANs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com