Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT162240ETE Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT54FCT162240ETE
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT162240ETE Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT54FCT162240ETE Datasheet HTML 1Page - Integrated Device Technology IDT54FCT162240ETE Datasheet HTML 2Page - Integrated Device Technology IDT54FCT162240ETE Datasheet HTML 3Page - Integrated Device Technology IDT54FCT162240ETE Datasheet HTML 4Page - Integrated Device Technology IDT54FCT162240ETE Datasheet HTML 5Page - Integrated Device Technology IDT54FCT162240ETE Datasheet HTML 6Page - Integrated Device Technology IDT54FCT162240ETE Datasheet HTML 7Page - Integrated Device Technology IDT54FCT162240ETE Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IDT54/74FCT16240T/AT/CT/ET,162240T/AT/CT/ET
FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.1
8
ORDERING INFORMATION
IDT
XX
Temp. Range
XXXX
Device Type
X
Package
X
Process
Blank
B
PV
PA
PF
E
16240T
16240AT
16240CT
16240ET
162240T
162240AT
162240CT
162240ET
Commercial
MIL-STD-883, Class B
Shrink Small Outline Package (SO48-1)
Thin Shrink Small Outline Package (SO48-2)
Thin Very Small Outline Package (SO48-3)
CERPACK (E48-1)
Inverting 16-Bit Buffer/Line Driver
54
74
–55
°C to +125°C
–40
°C to +85°C
FCT
2541 drw 10


Similar Part No. - IDT54FCT162240ETE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT162244AT IDT-IDT54FCT162244AT Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162244ATE IDT-IDT54FCT162244ATE Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162244ATEB IDT-IDT54FCT162244ATEB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162244ATPA IDT-IDT54FCT162244ATPA Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162244ATPAB IDT-IDT54FCT162244ATPAB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT54FCT162240ETE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com