Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT640AD Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT640AD
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT640AD Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT640AD Datasheet HTML 1Page - Integrated Device Technology IDT74FCT640AD Datasheet HTML 2Page - Integrated Device Technology IDT74FCT640AD Datasheet HTML 3Page - Integrated Device Technology IDT74FCT640AD Datasheet HTML 4Page - Integrated Device Technology IDT74FCT640AD Datasheet HTML 5Page - Integrated Device Technology IDT74FCT640AD Datasheet HTML 6Page - Integrated Device Technology IDT74FCT640AD Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
7.9
6
IDT54/74FCT245/A/C, IDT54/74FCT640/A/C, IDT54/74FCT645/A/C
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
ENABLE AND DISABLE TIMES
PROPAGATION DELAY
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
Pulse
Generator
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
PRESET
CLEAR
CLOCK ENABLE
ETC.
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
t SU
t H
t REM
H
t SU
R T
D.U.T.
VCC
VIN
C L
V OUT
50pF
500
500
7.0V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
VOL
tPLH
t PHL
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
V OL
V OH
3V
1.5V
0V
t PLH
tPHL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
t W
1.5V
1.5V
t
NOTES
2534 drw 04
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH.
2. Pulse Generator for All Pulses: Rate
≤ 1.0 MHz; ZO ≤ 50Ω; tF ≤ 2.5ns;
tR
≤ 2.5ns.
SWITCH POSITION
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
DEFINITIONS:
2534 tbl 08
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.


Similar Part No. - IDT74FCT640AD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT640AT IDT-IDT74FCT640AT Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT640ATD IDT-IDT74FCT640ATD Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT640ATDB IDT-IDT74FCT640ATDB Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT640ATE IDT-IDT74FCT640ATE Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT640ATEB IDT-IDT74FCT640ATEB Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT74FCT640AD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com