Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT861AP Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT54FCT861AP
Description  HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT861AP Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT54FCT861AP Datasheet HTML 1Page - Integrated Device Technology IDT54FCT861AP Datasheet HTML 2Page - Integrated Device Technology IDT54FCT861AP Datasheet HTML 3Page - Integrated Device Technology IDT54FCT861AP Datasheet HTML 4Page - Integrated Device Technology IDT54FCT861AP Datasheet HTML 5Page - Integrated Device Technology IDT54FCT861AP Datasheet HTML 6Page - Integrated Device Technology IDT54FCT861AP Datasheet HTML 7Page - Integrated Device Technology IDT54FCT861AP Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IDT54/74FCT861A/B, IDT54/74FCT863A/B
HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.23
7
Pulse
Generator
R T
D.U.T.
VCC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
SWITCH POSITION
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
DEFINITIONS:
2610 tbl 08
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
ENABLE AND DISABLE TIMES
PROPAGATION DELAY
2610 drw 03
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-
HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns


Similar Part No. - IDT54FCT861AP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT807BT IDT-IDT54FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTD IDT-IDT54FCT807BTD Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTDB IDT-IDT54FCT807BTDB Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTE IDT-IDT54FCT807BTE Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTEB IDT-IDT54FCT807BTEB Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT54FCT861AP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM29861 ETC1-AM29861 Datasheet
293Kb / 7P
   High Performance Bus Transceivers
logo
Pericom Semiconductor C...
PI74FCT861T PERICOM-PI74FCT861T Datasheet
61Kb / 6P
   Fast CMOS Bus Transceivers
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
System Logic Semiconduc...
SL74HC651 SLS-SL74HC651 Datasheet
79Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com