Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT299TE Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT299TE
Description  FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT299TE Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT299TE Datasheet HTML 1Page - Integrated Device Technology IDT74FCT299TE Datasheet HTML 2Page - Integrated Device Technology IDT74FCT299TE Datasheet HTML 3Page - Integrated Device Technology IDT74FCT299TE Datasheet HTML 4Page - Integrated Device Technology IDT74FCT299TE Datasheet HTML 5Page - Integrated Device Technology IDT74FCT299TE Datasheet HTML 6Page - Integrated Device Technology IDT74FCT299TE Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IDT54/74FCT299T/AT/CT
FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.11
5
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
IDT54/74FCT299T
IDT54/74FCT299AT
IDT54/74FCT299CT
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Symbol
Parameter
Condition
(1)
Min.
(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit
tPLH
Propagation Delay
CL = 50pF
2.0
10.0
2.0
14.0
2.0
7.2
2.0
9.5
2.0
6.5
2.0
7.5
ns
tPHL
CP to Q0 or Q7
RL = 500
tPLH
Propagation Delay
2.0
12.0
2.0
12.0
2.0
7.2
2.0
9.5
2.0
6.5
2.0
7.5
ns
tPHL
CP to I/On
tPHL
Propagation Delay
2.0
10.0
2.0
10.5
2.0
7.2
2.0
9.5
2.0
6.5
2.0
7.5
ns
MR to Q0 or Q7
tPHL
Propagation Delay
2.0
15.0
2.0
15.0
2.0
8.7
2.0
11.5
2.0
6.5
2.0
7.5
ns
MR to I/On
tPZH
Output Enable Time
1.5
11.0
1.5
15.0
1.5
6.5
1.5
7.5
1.5
6.5
1.5
7.5
ns
tPZL
OEn to I/On
tPHZ
Output Disable Time
1.5
7.0
1.5
9.0
1.5
6.0
1.5
6.5
1.5
6.0
1.5
6.5
ns
tPLZ
OEn to I/On
tSU
Set-up Time HIGH
7.5
7.5
3.5
4.0
3.5
4.0
ns
or LOW
S0 or S1 to CP
tSU
Set-up Time HIGH
5.5
5.5
4.0
4.5
4.0
4.5
ns
or LOW I/On,
DS0 or DS7 to CP
tH
Hold Time HIGH
1.0
1.0
1.0
1.0
1.0
1.0
ns
or LOW
S0 or S1 to CP
tH
Hold Time HIGH
1.5
1.5
1.5
1.5
1.5
1.5
ns
or LOW I/On,
DS0 or DS7 to CP
tW
CP Pulse Width
7.0
7.0
5.0
6.0
5.0
6.0
ns
HIGH or LOW
tw
MR Pulse Width
7.0
7.0
5.0
6.0
5.0
6.0
ns
LOW
tREM
Recovery Time
7.0
7.0
5.0
6.0
5.0
6.0
ns
1. See test circuit and waveforms.
2. Minimum units are guaranteed but not tested on Propagation Delays.
NOTES:
2619 tbl 07


Similar Part No. - IDT74FCT299TE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT299 IDT-IDT74FCT299 Datasheet
100Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299A IDT-IDT74FCT299A Datasheet
100Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299AD IDT-IDT74FCT299AD Datasheet
100Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299ADB IDT-IDT74FCT299ADB Datasheet
100Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299AE IDT-IDT74FCT299AE Datasheet
100Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
More results

Similar Description - IDT74FCT299TE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT299 IDT-IDT74FCT299 Datasheet
100Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
74AC299 FAIRCHILD-74AC299 Datasheet
114Kb / 11P
   8-Input Universal Shift/Storage Register
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
   8-Input Universal Shift/Storage Register with
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
[Old version datasheet]   8-Input Universal Shift Storage Register with Common Parallel
logo
NXP Semiconductors
74F166 PHILIPS-74F166 Datasheet
94Kb / 12P
   8-bit bidirectional universal shift register
1991 Feb 14
74F198 PHILIPS-74F198 Datasheet
95Kb / 12P
   8-bit bidirectional universal shift register
1987 Oct 02
logo
Intersil Corporation
CD40104BMS INTERSIL-CD40104BMS Datasheet
129Kb / 10P
   CMOS 4-Bit Bidirectional Universal Shift Register
December 1992
logo
Texas Instruments
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
[Old version datasheet]   CMOS 4-Bit Bidirectional Universal Shift Register
CD40194B TI-CD40194B Datasheet
233Kb / 7P
[Old version datasheet]   CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com