Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD676 Datasheet(PDF) 3 Page - Analog Devices

Part # AD676
Description  16-Bit 100 kSPS Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD676 Datasheet(HTML) 3 Page - Analog Devices

  AD676_15 Datasheet HTML 1Page - Analog Devices AD676_15 Datasheet HTML 2Page - Analog Devices AD676_15 Datasheet HTML 3Page - Analog Devices AD676_15 Datasheet HTML 4Page - Analog Devices AD676_15 Datasheet HTML 5Page - Analog Devices AD676_15 Datasheet HTML 6Page - Analog Devices AD676_15 Datasheet HTML 7Page - Analog Devices AD676_15 Datasheet HTML 8Page - Analog Devices AD676_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DC SPECIFICATIONS
AD676J/A
AD676K/B
Parameter
Min
Typ
Max
Min
Typ
Max
Units
TEMPERATURE RANGE
J, K Grades
0
+70
0
+70
°C
A, B Grades
–40
+85
–40
+85
°C
ACCURACY
Resolution
16
16
Bits
Integral Nonlinearity (INL)
@ 83 kSPS, TMIN to TMAX
±1
±1
±1.5
LSB
@ 100 kSPS, +25
°C
±1
±1
LSB
@ 100 kSPS, TMIN to TMAX
±2
±2
LSB
Differential Nonlinearity (DNL)–No Missing Codes
16
16
Bits
Bipolar Zero Error
2 (at Nominal Supplies)
0.005
0.005
% FSR
Gain Error (at Nominal Supplies)
@ 83 kSPS
2
0.005
0.005
% FSR
@ 100 kSPS, +25
°C
0.005
0.005
% FSR
@ 100 kSPS
2
0.01
0.01
% FSR
Temperature Drift, Bipolar Zero
3
% FSR
J, K Grades
0.0015
0.0015
% FSR
A, B Grades
0.003
0.003
% FSR
Temperature Drift, Gain
3
J, K Grades
0.0015
0.0015
% FSR
A, B Grades
0.003
0.003
% FSR
VOLTAGE REFERENCE INPUT RANGE
4 (V
REF)5
10
5
10
V
ANALOG INPUT
5
Input Range (VIN)
±V
REF
±V
REF
V
Input Impedance
*
*
Input Settling Time
2
2
µs
Input Capacitance During Sample
50*
50*
pF
Aperture Delay
6
6
ns
Aperture Jitter
100
100
ps
POWER SUPPLIES
Power Supply Rejection
VCC = +12 V
± 5%
±1
±1
LSB
VEE = –12 V ± 5%
±1
±1
LSB
VDD = +5 V
± 10%
±1
±1
LSB
Operating Current
ICC
14.5
18
14.5
18
mA
IEE
14.5
18
14.5
18
mA
IDD
25
25
mA
Power Consumption
360
480
360
480
mW
NOTES
1V
REF = 5.0 V, Conversion Rate = 83 kSPS unless otherwise noted. Values are post-calibration.
2Values shown apply to any temperature from T
MIN to TMAX after calibration at that temperature.
3Values shown are based upon calibration at +25
°C with no additional calibration at temperature. Values shown are the worst case variation from the value at +25 °C.
4See “APPLICATIONS” section for recommended voltage reference circuit, and Figure 12 for dynamic performance with other reference voltage values.
5See “APPLICATIONS” section for recommended input buffer circuit.
*For explanation of input characteristics, see “ANALOG INPUT” section.
Specifications subject to change without notice.
(TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
1O%)1
AD676
REV. A
–3–


Similar Part No. - AD676_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD676 AD-AD676_17 Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
More results

Similar Description - AD676_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676JN AD-AD676JN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_17 Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676 AD-AD676 Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677 Datasheet
427Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_17 Datasheet
461Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676KN AD-AD676KN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com