Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT162543CTPA Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74FCT162543CTPA
Description  FAST CMOS 16-BIT LATCHED TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162543CTPA Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT74FCT162543CTPA Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162543CTPA Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162543CTPA Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162543CTPA Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162543CTPA Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162543CTPA Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162543CTPA Datasheet HTML 7Page - Integrated Device Technology IDT74FCT162543CTPA Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IDT54/74FCT16543T/AT/CT/ET, 162543T/AT/CT/ET
FAST CMOS 16-BIT LATCHED TRANSCEIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.12
7
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
Pulse
Generator
R T
D.U.T.
V CC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
ENABLE AND DISABLE TIMES
PROPAGATION DELAY
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
SWITCH POSITION
Test
Switch
Disable Low
Enable Low
Closed
All Other Tests
Open
Open Drain
2618 lnk 10
2618 drw 05
2618 drw 06
2618 drw 07
2618 drw 08
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
2618 drw 09


Similar Part No. - IDT74FCT162543CTPA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162500AT IDT-IDT74FCT162500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT162500ATE IDT-IDT74FCT162500ATE Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT162500ATEB IDT-IDT74FCT162500ATEB Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT162500ATPA IDT-IDT74FCT162500ATPA Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
More results

Similar Description - IDT74FCT162543CTPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT162511 PERICOM-PI74FCT162511 Datasheet
87Kb / 8P
   Fast CMOS 16-Bit Registered/Latched Transceiver With Parity
logo
Integrated Device Techn...
IDT74FCT162511AT IDT-IDT74FCT162511AT Datasheet
204Kb / 11P
   FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
   Fast CMOS 16-Bit Latched Transceivers
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Latched Transceiver
logo
Texas Instruments
CY74FCT163543 TI-CY74FCT163543 Datasheet
64Kb / 7P
[Old version datasheet]   16-Bit Latched Transceiver
logo
Integrated Device Techn...
IDT74FCT543 IDT-IDT74FCT543 Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com