Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V35761YSA166BGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT71V35761YSA166BGI
Description  128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V35761YSA166BGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT71V35761YSA166BGI Datasheet HTML 6Page - Integrated Device Technology IDT71V35761YSA166BGI Datasheet HTML 7Page - Integrated Device Technology IDT71V35761YSA166BGI Datasheet HTML 8Page - Integrated Device Technology IDT71V35761YSA166BGI Datasheet HTML 9Page - Integrated Device Technology IDT71V35761YSA166BGI Datasheet HTML 10Page - Integrated Device Technology IDT71V35761YSA166BGI Datasheet HTML 11Page - Integrated Device Technology IDT71V35761YSA166BGI Datasheet HTML 12Page - Integrated Device Technology IDT71V35761YSA166BGI Datasheet HTML 13Page - Integrated Device Technology IDT71V35761YSA166BGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
6.42
10
IDT71V35761, IDT71V35781, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
3.3V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
Synchronous Truth Table(1,3)
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2.
OE is an asynchronous input.
3. ZZ = low for this table.
Operation
Address
Used
CE
CS0
CS1
ADSP
ADSC
ADV
GW
BWE
BWx
OE
(2)
CLK
I/O
De s e le cte d Cy cle , P o we r Do wn
No ne
H
X
X
X
L
X
X
X
X
X
-
HI-Z
De s e le cte d Cy cle , P o we r Do wn
No ne
L
X
H
L
X
X
X
X
X
X
-
HI-Z
De s e le cte d Cy cle , P o we r Do wn
No ne
L
L
X
L
X
X
X
X
X
X
-
HI-Z
De s e le cte d Cy cle , P o we r Do wn
No ne
L
X
H
X
L
X
X
X
X
X
-
HI-Z
De s e le cte d Cy cle , P o we r Do wn
No ne
L
L
X
X
L
X
X
X
X
X
-
HI-Z
Re ad Cyc le , B e g in B urst
Exte rnal
L
H
L
L
X
X
X
X
X
L
-
DOUT
Re ad Cyc le , B e g in B urst
Exte rnal
L
H
L
L
X
X
X
X
X
H
-
HI-Z
Re ad Cyc le , B e g in B urst
Exte rnal
L
H
L
H
L
X
H
H
X
L
-
DOUT
Re ad Cyc le , B e g in B urst
Exte rnal
L
H
L
H
L
X
H
L
H
L
-
DOUT
Re ad Cyc le , B e g in B urst
Exte rnal
L
H
L
H
L
X
H
L
H
H
-
HI-Z
W rite Cy cle, B egin B urs t
Exte rnal
L
H
L
H
L
X
H
L
L
X
-
DIN
W rite Cy cle, B egin B urs t
Exte rnal
L
H
L
H
L
X
L
X
X
X
-
DIN
Re ad Cyc le , Co ntinue B urs t
Ne x t
X
X
X
H
H
L
H
H
X
L
-
DOUT
Re ad Cyc le , Co ntinue B urs t
Ne x t
X
X
X
H
H
L
H
H
X
H
-
HI-Z
Re ad Cyc le , Co ntinue B urs t
Ne x t
X
X
X
H
H
L
H
X
H
L
-
DOUT
Re ad Cyc le , Co ntinue B urs t
Ne x t
X
X
X
H
H
L
H
X
H
H
-
HI-Z
Re ad Cyc le , Co ntinue B urs t
Ne x t
H
X
X
X
H
L
H
H
X
L
-
DOUT
Re ad Cyc le , Co ntinue B urs t
Ne x t
H
X
X
X
H
L
H
H
X
H
-
HI-Z
Re ad Cyc le , Co ntinue B urs t
Ne x t
H
X
X
X
H
L
H
X
H
L
-
DOUT
Re ad Cyc le , Co ntinue B urs t
Ne x t
H
X
X
X
H
L
H
X
H
H
-
HI-Z
W rite Cy cle , Co ntinue B urs t
Ne x t
X
X
X
H
H
L
H
L
L
X
-
DIN
W rite Cy cle , Co ntinue B urs t
Ne x t
X
X
X
H
H
L
L
X
X
X
-
DIN
W rite Cy cle , Co ntinue B urs t
Ne x t
H
X
X
X
H
L
H
L
L
X
-
DIN
W rite Cy cle , Co ntinue B urs t
Ne x t
H
X
X
X
H
L
L
X
X
X
-
DIN
Re ad Cyc le, S uspend B urst
Curre nt
X
X
X
H
H
H
H
H
X
L
-
DOUT
Re ad Cyc le, S uspend B urst
Curre nt
X
X
X
H
H
H
H
H
X
H
-
HI-Z
Re ad Cyc le, S uspend B urst
Curre nt
X
X
X
H
H
H
H
X
H
L
-
DOUT
Re ad Cyc le, S uspend B urst
Curre nt
X
X
X
H
H
H
H
X
H
H
-
HI-Z
Re ad Cyc le, S uspend B urst
Curre nt
H
X
X
X
H
H
H
H
X
L
-
DOUT
Re ad Cyc le, S uspend B urst
Curre nt
H
X
X
X
H
H
H
H
X
H
-
HI-Z
Re ad Cyc le, S uspend B urst
Curre nt
H
X
X
X
H
H
H
X
H
L
-
DOUT
Re ad Cyc le, S uspend B urst
Curre nt
H
X
X
X
H
H
H
X
H
H
-
HI-Z
W rite Cy cle, S us pend B urs t
Curre nt
X
X
X
H
H
H
H
L
L
X
-
DIN
W rite Cy cle, S us pend B urs t
Curre nt
X
X
X
H
H
H
L
X
X
X
-
DIN
W rite Cy cle, S us pend B urs t
Curre nt
H
X
X
X
H
H
H
L
L
X
-
DIN
W rite Cy cle, S us pend B urs t
Curre nt
H
X
X
X
H
H
L
X
X
X
-
DIN
5301tbl 11


Similar Part No. - IDT71V35761YSA166BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V35761S IDT-IDT71V35761S Datasheet
972Kb / 21P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S166BGG IDT-IDT71V35761S166BGG Datasheet
972Kb / 21P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S166BGG8 IDT-IDT71V35761S166BGG8 Datasheet
972Kb / 21P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S166BGGI IDT-IDT71V35761S166BGGI Datasheet
972Kb / 21P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S166BGGI8 IDT-IDT71V35761S166BGGI8 Datasheet
972Kb / 21P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
More results

Similar Description - IDT71V35761YSA166BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V3576S RENESAS-71V3576S Datasheet
288Kb / 19P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.01.20
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
logo
Integrated Device Techn...
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V67803 IDT-IDT71V67803 Datasheet
986Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67603S150PFI IDT-IDT71V67603S150PFI Datasheet
430Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67603S150PFI8 IDT-IDT71V67603S150PFI8 Datasheet
430Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
71V67603 RENESAS-71V67603 Datasheet
302Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
Sep.13.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com