Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT833B Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT54FCT833B
Description  FAST CMOS PARITY BUS TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT833B Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT54FCT833B Datasheet HTML 1Page - Integrated Device Technology IDT54FCT833B Datasheet HTML 2Page - Integrated Device Technology IDT54FCT833B Datasheet HTML 3Page - Integrated Device Technology IDT54FCT833B Datasheet HTML 4Page - Integrated Device Technology IDT54FCT833B Datasheet HTML 5Page - Integrated Device Technology IDT54FCT833B Datasheet HTML 6Page - Integrated Device Technology IDT54FCT833B Datasheet HTML 7Page - Integrated Device Technology IDT54FCT833B Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7.21
6
IDT54/74FCT833A/B
FAST CMOS PARITY BUS TRANSCEIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
IDT54/74FCT833A
IDT54/74FCT833B
Com’l.
Mil.
Com’l.
Mil.
Symbol
Parameter
Conditions
(1)
Min.
(2)
Max.
Min.
(2)
Max.
Min.
(2)
Max.
Min.
(2)
Max.
Unit
tPLH
Propagation Delay
CL = 50pF
10.0
14.0
7.0
10.0
ns
tPHL
RI to TI, TI to RI
CL = 300pF
(3)
17.5
21.5
14.5
17.5
tPLH
Propagation Delay
CL = 50pF
15.0
20.0
10.5
14.0
ns
tPHL
RI to PARITY
CL = 300pF
(3)
22.5
27.5
18.0
21.5
tPZH
Output Enable Time
CL = 50pF
12.0
16.0
8.5
11.0
ns
tPZL
OER, OET to RI, TI
CL = 300pF
(3)
19.5
23.5
16.0
18.5
tPHZ
Output Disable Time CL = 5pF
(3)
10.7
14.7
7.2
9.8
ns
tPLZ
OER, OET to RI, TI
CL = 50pF
12.0
16.0
8.5
11.0
tSU
TI, PARITY to CLK
CL = 50pF
12.0
16.0
8.5
11.0
ns
Set-up Time
tH
TI, PARITY to CLK
0
0
0
0
ns
Hold Time
tREM
Clear Recovery Time
15.0
20.0
10.5
14.0
ns
CLR to CLK
tW
Clock Pulse Width
7.0
9.5
5.5
7.0
ns
HIGH or LOW
tW
Clear Pulse Width
7.0
9.5
5.5
7.0
ns
LOW
tPHL
Propagation Delay
12.0
16.0
8.5
11.0
ns
CLK to
ERR
tPLH
Propagation Delay
16.0
20.0
15.0
18.0
ns
CLR to ERR
tPLH
Propagation Delay
CL = 50pF
15.0
20.0
10.5
14.0
ns
tPHL
OER to PARITY
CL = 300pF
(3)
22.5
27.5
18.0
21.5
NOTES:
2557 tbl 08
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. These parameters are guaranteed but not tested.


Similar Part No. - IDT54FCT833B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT807BT IDT-IDT54FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTD IDT-IDT54FCT807BTD Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTDB IDT-IDT54FCT807BTDB Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTE IDT-IDT54FCT807BTE Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTEB IDT-IDT54FCT807BTEB Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT54FCT833B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT162511AT IDT-IDT74FCT162511AT Datasheet
204Kb / 11P
   FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
logo
Pericom Semiconductor C...
PI74FCT162511 PERICOM-PI74FCT162511 Datasheet
87Kb / 8P
   Fast CMOS 16-Bit Registered/Latched Transceiver With Parity
logo
Integrated Device Techn...
IDT74ALVCH16901 IDT-IDT74ALVCH16901 Datasheet
80Kb / 9P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS / CHECKERS AND BUS-HOLD
IDT74FCT621T IDT-IDT74FCT621T Datasheet
67Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
   FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Integrated Device Techn...
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Renesas Technology Corp
IDT74FCT621T RENESAS-IDT74FCT621T Datasheet
207Kb / 7P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
NOVEMBER 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com