Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD5N50FTM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD5N50FTM
Description  N-Channel MOSFET, FRFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50FTM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD5N50FTM Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50FTM Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50FTM Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50FTM Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50FTM Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50FTM Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50FTM Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50FTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDD5N50F Rev. A1
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
0.1
1
10
0.04
*Notes:
1. 250µs Pulse Test
2. TC = 25
oC
VGS = 15.0V
10.0V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
VDS,Drain-Source Voltage[V]
45
67
8
0.1
1
10
150
oC
*Notes:
1. VDS = 20V
2. 250µs Pulse Test
25
oC
VGS,Gate-Source Voltage[V]
20
0.00.4
0.81.2
1.6
1
10
0.2
*Notes:
1. V
GS = 0V
2. 250µs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
50
0
4
8
12
16
20
1.2
1.4
1.6
1.8
2.0
2.2
*Note: TJ = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.1
1
10
0
250
500
750
1000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30
03
69
12
0
2
4
6
8
10
*Note: ID = 5A
VDS = 100V
VDS = 250V
VDS = 400V
Qg, Total Gate Charge [nC]


Similar Part No. - FDD5N50FTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
logo
Inchange Semiconductor ...
FDD5N50F ISC-FDD5N50F Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD5N50FTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCH47N60NF FAIRCHILD-FCH47N60NF Datasheet
301Kb / 8P
   N-Channel MOSFET, FRFET
FDP5N50U FAIRCHILD-FDP5N50U Datasheet
230Kb / 10P
   N-Channel MOSFET, FRFET
FCA36N60NF FAIRCHILD-FCA36N60NF Datasheet
269Kb / 8P
   N-Channel MOSFET, FRFET
FDH45N50F FAIRCHILD-FDH45N50F Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FCH47N60F FAIRCHILD-FCH47N60F_13 Datasheet
290Kb / 8P
   N-Channel SuperFET FRFET MOSFET
FDH45N50F FAIRCHILD-FDH45N50F_08 Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
196Kb / 8P
   600V N-Channel MOSFET, FRFET
FDH45N50F_0605 FAIRCHILD-FDH45N50F_0605 Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH041N60F FAIRCHILD-FCH041N60F Datasheet
339Kb / 9P
   600V N-Channel MOSFET, FRFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com