Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT573AT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT54FCT573AT
Description  FAST CMOS OCTAL TRANSPARENT LATCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT573AT Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT54FCT573AT Datasheet HTML 1Page - Integrated Device Technology IDT54FCT573AT Datasheet HTML 2Page - Integrated Device Technology IDT54FCT573AT Datasheet HTML 3Page - Integrated Device Technology IDT54FCT573AT Datasheet HTML 4Page - Integrated Device Technology IDT54FCT573AT Datasheet HTML 5Page - Integrated Device Technology IDT54FCT573AT Datasheet HTML 6Page - Integrated Device Technology IDT54FCT573AT Datasheet HTML 7Page - Integrated Device Technology IDT54FCT573AT Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6.12
4
IDT54/74FCT373T/AT/CT/DT - 2373T/AT/CT, IDT54/74FCT533T/AT/CT, IDT54/74FCT573T/AT/CT/DT - 2573T/AT/CT
FAST CMOS OCTAL TRANSPARENT LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
II H
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
±1
µA
II L
Input LOW Current(4)
VI = 0.5V
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = 2.7V
±1
µA
IOZL
(3-State Output pins)(4)
VO = 0.5V
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
±1
µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
VH
Input Hysteresis
200
mV
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
0.01
1
mA
2564 lnk 06
OUTPUT DRIVE CHARACTERISTICS FOR FCT373T/533T/573T
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –6mA MIL.
IOH = –8mA COM'L.
2.4
3.3
V
IOH = –12mA MIL.
IOH = –15mA COM'L.
2.0
3.0
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 32mA MIL.
IOL = 48mA COM'L.
0.3
0.5
V
IOS
Short Circuit Current
VCC = Max., VO = GND (3)
–60
–120
–225
mA
IOFF
Input/Output Power Off Leakage(5)
VCC = 0V, VIN or VO
≤ 4.5V
±1
µA
2564 lnk 07
OUTPUT DRIVE CHARACTERISTICS FOR FCT2373T/2573T
2564 lnk 08
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25
°C ambient.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. The test limit for this parameter is
±5µA at TA = –55°C.
5. This parameter is guaranteed but not tested.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IODL
Output LOW Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
16
48
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH or V IL, VOUT = 1.5V(3)
–16
–48
mA
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –12mA MIL.
IOH = –15mA COM'L.
2.4
3.3
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 12mA
0.3
0.50
V


Similar Part No. - IDT54FCT573AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT573ATD IDT-IDT54FCT573ATD Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573ATDB IDT-IDT54FCT573ATDB Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573ATL IDT-IDT54FCT573ATL Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573ATLB IDT-IDT54FCT573ATLB Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573ATPG IDT-IDT54FCT573ATPG Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
More results

Similar Description - IDT54FCT573AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT373 IDT-IDT74FCT373 Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
   Fast CMOS Octal Transparent Latches
logo
Integrated Device Techn...
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T_07 Datasheet
581Kb / 10P
   Octal Transparent Latches
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT2373AT IDT-IDT74FCT2373AT Datasheet
78Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com