Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT16827ETPV Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT54FCT16827ETPV
Description  FAST CMOS 20-BIT BUFFERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT16827ETPV Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT54FCT16827ETPV Datasheet HTML 1Page - Integrated Device Technology IDT54FCT16827ETPV Datasheet HTML 2Page - Integrated Device Technology IDT54FCT16827ETPV Datasheet HTML 3Page - Integrated Device Technology IDT54FCT16827ETPV Datasheet HTML 4Page - Integrated Device Technology IDT54FCT16827ETPV Datasheet HTML 5Page - Integrated Device Technology IDT54FCT16827ETPV Datasheet HTML 6Page - Integrated Device Technology IDT54FCT16827ETPV Datasheet HTML 7Page - Integrated Device Technology IDT54FCT16827ETPV Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5.17
7
IDT54/74FCT16827AT/BT/CT/ET, 162827AT/BT/CT/ET
FAST CMOS 20-BIT BUFFERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
ENABLE AND DISABLE TIMES
PROPAGATION DELAY
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
SWITCH POSITION
Pulse
Generator
R T
D.U.T.
V CC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
Test
Switch
Disable Low
Enable Low
Closed
All Other Tests
Open
Open Drain
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
2773 lnk 11
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
2773 drw 09
2773 drw 07
2773 drw 05
2773 drw 06
2773 drw 08


Similar Part No. - IDT54FCT16827ETPV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT16823AT IDT-IDT54FCT16823AT Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT54FCT16823ATE IDT-IDT54FCT16823ATE Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT54FCT16823ATEB IDT-IDT54FCT16823ATEB Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT54FCT16823ATPA IDT-IDT54FCT16823ATPA Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT54FCT16823ATPAB IDT-IDT54FCT16823ATPAB Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
More results

Similar Description - IDT54FCT16827ETPV

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
   Fast CMOS 3.3V 20-Bit Buffers
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT827AT IDT-IDT74FCT827AT Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
   Fast CMOS 3.3V 10-Bit Buffers
logo
Renesas Technology Corp
IDT74FCT162827AT RENESAS-IDT74FCT162827AT Datasheet
235Kb / 8P
   FAST CMOS 20-BIT BUFFER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT16841T PERICOM-PI74FCT16841T Datasheet
63Kb / 6P
   Fast CMOS 20-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
logo
Texas Instruments
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com