Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT388915T150 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT74FCT388915T150
Description  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT388915T150 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT74FCT388915T150 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT388915T150 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT388915T150 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT388915T150 Datasheet HTML 6Page - Integrated Device Technology IDT74FCT388915T150 Datasheet HTML 7Page - Integrated Device Technology IDT74FCT388915T150 Datasheet HTML 8Page - Integrated Device Technology IDT74FCT388915T150 Datasheet HTML 9Page - Integrated Device Technology IDT74FCT388915T150 Datasheet HTML 10Page - Integrated Device Technology IDT74FCT388915T150 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IDT54/74FCT388915T 70/100/133/150
3.3V LOW SKEW PLL-BASED CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
9.8
9
CMMU
CMMU
CPU
CMMU
CMMU
CMMU
CMMU
CMMU
CPU
CMMU
CMMU
CMMU
PLL
2f
PLL
2f
CPU
CARD
CPU
CARD
CLOCK
@f
SYSTEM
CLOCK
SOURCE
FCT388915T
FCT388915T
DISTRIBUTE
CLOCK @f
CLOCK @2f
at point of use
MEMORY
CONTROL
PLL
2f
MEMORY
CARDS
CLOCK @2f
at point of use
FCT388915T
Figure 4. Multiprocessing Application Using the FCT388915T for Frequency Multiplication
and Low Board-to-Board skew
FCT388915T System Level Testing Functionality
When the PLL_EN pin is LOW, the PLL is bypassed and the
FCT388915T is in low frequency "test mode". In test mode
(with FREQ_SEL HIGH), the 2Q output is inverted from the
selected SYNC input, and the Q outputs are divide-by-2
(negative edge triggered) of the SYNC input, and the Q/2
output is divide-by-4 (negative edge triggered).
With
FREQ_SEL LOW the 2Q output is divide-by-2 of the SYNC,
the Q outputs divide-by-4, and the Q/2 output divide-by-8.
These relationships can be seen in the block diagram. A
recommended test configuration would be to use SYNC0 or
SYNC1 as the test clock input, and tie PLL_EN and REF_SEL
together and connect them to the test select logic.
This functionality is needed since most board-level testers
run at 1 MHz or below, and theFCT 388915T cannot lock onto
that low of an input frequency. In the test mode described
above, any test frequency test can be used.
3052 drw 13


Similar Part No. - IDT74FCT388915T150

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT388915T150JG RENESAS-IDT74FCT388915T150JG Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
IDT74FCT388915T150PYG RENESAS-IDT74FCT388915T150PYG Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
More results

Similar Description - IDT74FCT388915T150

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T_05 Datasheet
1Mb / 10P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com