Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT377TP Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT54FCT377TP
Description  FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT377TP Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT54FCT377TP Datasheet HTML 1Page - Integrated Device Technology IDT54FCT377TP Datasheet HTML 2Page - Integrated Device Technology IDT54FCT377TP Datasheet HTML 3Page - Integrated Device Technology IDT54FCT377TP Datasheet HTML 4Page - Integrated Device Technology IDT54FCT377TP Datasheet HTML 5Page - Integrated Device Technology IDT54FCT377TP Datasheet HTML 6Page - Integrated Device Technology IDT54FCT377TP Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IDT54/74FCT377T/AT/CT/DT
FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.14
3
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
(4)
VCC = Max.
VI = 2.7V
±1
µA
IIL
Input LOW Current
(4)
VCC = Max.
VI = 0.5V
±1
µA
II
Input HIGH Current
(4)
VCC = Max., VI = VCC (Max.)
±1
µA
VIK
Clamp Diode Voltage
VCC = Min., IN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.
(3), VO = GND
–60
–120
–225
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –6mA MIL.
2.4
3.3
V
VIN = VIH or VIL
IOH = –8mA COM’L.
IOH = –12mA MIL.
2.0
3.0
V
IOH = –15mA COM’L.
VOL
Output LOW Voltage
VCC = Min.
IOL = 32mA MIL.
0.3
0.5
V
VIN = VIH or VIL
IOL = 48mA COM’L.
IOFF
Input/Output Power Off
VCC = 0V, VIN or VO
≤ 4.5V
±1
µA
Leakage
(5)
VH
Input Hysteresis
200
mV
ICC
Quiescent Power
VCC = Max.
0.01
1
mA
Supply Current
VIN = GND or VCC
NOTES:
2630 tbl 05
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. The test limit for this parameter is
±5µA at TA = -55°C.
5. This parameter is guaranted but not tested.


Similar Part No. - IDT54FCT377TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT373 IDT-IDT54FCT373 Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT373A IDT-IDT54FCT373A Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT373AD IDT-IDT54FCT373AD Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT373ADB IDT-IDT54FCT373ADB Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT373AE IDT-IDT54FCT373AE Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
More results

Similar Description - IDT54FCT377TP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT377T PERICOM-PI74FCT377T Datasheet
44Kb / 3P
   FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
Renesas Technology Corp
IDT74FCT377AT RENESAS-IDT74FCT377AT Datasheet
251Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
OCTOBER 2009
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74ACT377MEL ONSEMI-MC74ACT377MEL Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
National Semiconductor ...
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
   Octal D Flip-Flop with Clock Enable
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377_15 Datasheet
102Kb / 9P
   Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com