Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BP2500D0805AT Datasheet(PDF) 1 Page - Frontier Electronics.

Part No. BP2500D0805AT
Description  Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.8 mm, RoHS compliant.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FRONTIER [Frontier Electronics.]
Homepage  http://www.frontierusa.com
Logo 

BP2500D0805AT Datasheet(HTML) 1 Page - Frontier Electronics.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP2500D0805AT BAND PASS FILTER SPECIFICATION
Rev. A
PRODUCT FEATURES
1.
Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.8 mm, RoHS compliant.
2.
Provide low insertion loss and high rejection rate.
3.
Highly stable under temperature and humidity changes.
RF CHARACTERISTICS
PHYSICAL DIMENSIONS
TERMINAL CONFIGURATION
P/N BP2500D0805AT
Specification
Frequency range
2400 - 2500 MHz
Insertion Loss (max)
1.8 dB max at +25
°C
2.0 dB max at -40
°C to +85°C
VSWR
2.0 max
Impedance
50 Ω
Attenuation (min.)
30 dB @ 880-960 MHz
30 dB @ 1545-1605 MHz
35 dB @ 1710-1990 MHz
30 dB @ 2170 MHz
30 dB @ 4800-5000 MHz
Operating temperature range
-40°C to +85°C
Symbol
Dimension
(mm)
L
2.00 ± 0.15
W
1.25 ± 0.10
T
0.80 ± 0.10
A
0.95 ± 0.10
B
0.275 ± 0.10
C
0.25 ± 0.10
D
0.60 ± 0.10
E
0.175 ± 0.10
F
0.15 ± 0.10
PIN
Definition
P1
INPUT
P2
GND
P3
OUTPUT
P1
P3
P2
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn