Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT573 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT54FCT573
Description  FAST CMOS OCTAL TRANSPARENT LATCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT573 Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT54FCT573 Datasheet HTML 1Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 2Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 3Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 4Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 5Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 6Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 7Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7.12
6
IDT54/74FCT373/533/573/A/C
FAST CMOS OCTAL TRANSPARENT LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT533/A/C
NOTES:
2602 tbl 09
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
FCT373/573
FCT373A/573A
FCT373C/573C
Com'l.(2)
Mil.(2)
Com'l.(2)
Mil.(2)
Com'l. (2)
Mil.(2)
Symbol
Parameter
Conditions(1)
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Min. Max. Unit
tPLH
tPHL
Propagation Delay
DN to ON
CL = 50pF
RL = 500
1.5
8.0
1.5
8.5
1.5
5.2
1.5
5.6
1.5
4.2
1.5
5.1
ns
tPLH
tPHL
Propagation Delay
LE to ON
2.0
13.0
2.0
15.0
2.0
8.5
2.0
9.8
2.0
5.5
2.0
8.0
ns
tPZH
tPZL
Output Enable Time
1.5
12.0
1.5
13.5
1.5
6.5
1.5
7.5
1.5
5.5
1.5
6.3
ns
tPHZ
tPLZ
Output Disable Time
1.5
7.5
1.5
10.0
1.5
5.5
1.5
6.5
1.5
5.0
1.5
5.9
ns
tSU
Set-up Time HIGH
or LOW, DN to LE
2.0
2.0
2.0
2.0
2.0
2.0
ns
tH
Hold Time HIGH
or LOW, DN to LE
1.5
1.5
1.5
1.5
1.5
1.5
ns
tW
LE Pulse Width HIGH
6.0
6.0
5.0
6.0
5.0
6.0
ns
2602 tbl 08
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT373/A/C/FCT573/A/C
FCT533
FCT533A
FCT533C
Com'l.(2)
Mil.(2)
Com'l.(2)
Mil.(2)
Com'l.(2)
Mil.(2)
Symbol
Parameter
Conditions(1)
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Min. Max. Unit
tPLH
tPHL
Propagation Delay
DN to
ON
CL = 50pF
RL = 500
1.5
10.0
1.5
12.0
1.5
5.2
1.5
5.6
1.5
4.7
1.5
5.1
ns
tPLH
tPHL
Propagation Delay
LE to
ON
2.0
13.0
2.0
14.0
2.0
8.5
2.0
9.8
2.0
6.9
2.0
8.0
ns
tPZH
tPZL
Output Enable Time
1.5
11.0
1.5
12.5
1.5
6.5
1.5
7.5
1.5
5.5
1.5
6.3
ns
tPHZ
tPLZ
Output Disable Time
1.5
7.0
1.5
8.5
1.5
5.5
1.5
6.5
1.5
5.0
1.5
5.9
ns
tSU
Set-up Time HIGH
or LOW, DN to LE
2.0
2.0
2.0
2.0
2.0
2.0
ns
tH
Hold Time HIGH
or LOW, DN to LE
1.5
1.5
1.5
1.5
1.5
1.5
ns
tW
LE Pulse Width HIGH
6.0
6.0
5.0
6.0
5.0
6.0
ns


Similar Part No. - IDT54FCT573

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573AT IDT-IDT54FCT573AT Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT573ATD IDT-IDT54FCT573ATD Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT573ATD IDT-IDT54FCT573ATD Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573ATDB IDT-IDT54FCT573ATDB Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
More results

Similar Description - IDT54FCT573

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT373T IDT-IDT74FCT373T Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
   Fast CMOS Octal Transparent Latches
logo
Integrated Device Techn...
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T_07 Datasheet
581Kb / 10P
   Octal Transparent Latches
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT2373AT IDT-IDT74FCT2373AT Datasheet
78Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com