Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT163ATE Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT163ATE
Description  FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163ATE Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT163ATE Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163ATE Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163ATE Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163ATE Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163ATE Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163ATE Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163ATE Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IDT54/74FCT161T/AT/CT, IDT54/74FCT163T/AT/CT
FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.7
5
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
IDT54/74FCT161T
IDT54/74FCT161AT
IDT54/74FCT161CT
IDT54/74FCT163T
IDT54/74FCT163AT
IDT54/74FCT163CT
Com'l.
Mil.
Com'l.
Mil.
Com'l
Mil.
Symbol
Parameter
Condition
(1)
Min.
(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit
tPLH
Propagation Delay
CL = 50pF
2.0
11.0
2.0
11.5
2.0
7.2
2.0
7.5
2.0
5.8
2.0
6.3
ns
tPHL
CP to Qn
RL = 500
(
PE Input HIGH)
tPLH
Propagation Delay
2.0
9.5
2.0
10.0
2.0
6.2
2.0
6.5
2.0
5.8
2.0
6.3
ns
tPHL
CP to Qn
(
PE Input LOW)
tPLH
Propagation Delay
2.0
15.0
2.0
16.5
2.0
9.8
2.0
10.8
2.0
7.4
2.0
8.3
ns
tPHL
CP to TC
tPLH
Propagation Delay
1.5
8.5
1.5
9.0
1.5
5.5
1.5
5.9
1.5
5.2
1.5
5.6
ns
tPHL
CET to TC
tPHL
Propagation Delay
2.0
13.0
2.0
14.0
2.0
8.5
2.0
9.1
2.0
6.0
2.0
6.6
ns
MR to Qn ('161)
tPHL
Propagation Delay
2.0
11.5
2.0
12.5
2.0
7.5
2.0
8.2
2.0
7.0
2.0
7.7
ns
MR to TC ('161)
tSU
Set-up Time,
5.0
5.5
4.0
4.5
4.0
4.5
ns
HIGH or LOW
Pn to CP
tH
Hold Time,
1.5
2.0
1.5
2.0
1.5
2.0
ns
HIGH or LOW
Pn to CP
tSU
Set-up Time,
11.5
13.5
9.5
11.5
9.5
11.5
ns
HIGH or LOW
PE or SR to CP
tH
Hold Time,
1.5
1.5
1.5
1.5
1.5
1.5
ns
HIGH or LOW
PE or SR to CP
tSU
Set-up Time,
11.5
13.0
9.5
11.0
9.5
11.0
ns
HIGH or LOW
CEP or CET to CP
tH
Hold Time,
0
0
0
0
0
0
ns
HIGH or LOW
CEP or CET to CP
tW
Clock Pulse
5.0
5.0
4.0
(3)
4.0
(3)
4.0
(3)
4.0
(3)
—ns
Width (Load)
HIGH or LOW
tW
Clock Pulse
7.0
8.0
6.0
7.0
6.0
7.0
ns
Width (Count)
HIGH or LOW
tW
MR Pulse Width,
5.0
5.0
4.0
(3)
4.0
(3)
4.0
(3)
4.0
(3)
—ns
LOW ('161)
tREM
Recovery Time
6.0
6.0
5.0
5.0
5.0
5.0
ns
MR to CP ('161)
NOTES:
2611 tbl 07
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This limit is guaranteed but not tested.


Similar Part No. - IDT74FCT163ATE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163ATE IDT-IDT74FCT163ATE Datasheet
160Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
IDT74FCT163ATEB IDT-IDT74FCT163ATEB Datasheet
160Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
More results

Similar Description - IDT74FCT163ATE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC161 INTERSIL-CD54AC161 Datasheet
10Kb / 1P
   Synchronous Presettable Binary Counters
June 1997
CD54AC163 INTERSIL-CD54AC163 Datasheet
10Kb / 1P
   Synchronous Presettable Binary Counters
June 1997
logo
Integrated Device Techn...
IDT54FCT163T IDT-IDT54FCT163T Datasheet
160Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
IDT74FCT161AT IDT-IDT74FCT161AT Datasheet
70Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
   PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
   Presettable Binary Counters
logo
Pericom Semiconductor C...
PI74FCT191T PERICOM-PI74FCT191T Datasheet
212Kb / 6P
   High Speed CMOS Presettable Synchronous 4-Bit Binary Counters
logo
Intersil Corporation
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
STMicroelectronics
HCF40103B STMICROELECTRONICS-HCF40103B_02 Datasheet
830Kb / 14P
   8-STAGE PRESETTABLE SYNCHRONOUS 8 BIT BINARY DOWN COUNTERS
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
   CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com