Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT3827B Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT54FCT3827B
Description  3.3V CMOS 10-BIT BUFFERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT3827B Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT54FCT3827B Datasheet HTML 1Page - Integrated Device Technology IDT54FCT3827B Datasheet HTML 2Page - Integrated Device Technology IDT54FCT3827B Datasheet HTML 3Page - Integrated Device Technology IDT54FCT3827B Datasheet HTML 4Page - Integrated Device Technology IDT54FCT3827B Datasheet HTML 5Page - Integrated Device Technology IDT54FCT3827B Datasheet HTML 6Page - Integrated Device Technology IDT54FCT3827B Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IDT54/74FCT3827A/B
3.3V CMOS OCTAL BUFFERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
8.15
2
DIP/SOIC/SSOP/QSOP
TOP VIEW
PIN CONFIGURATIONS
3092 drw 02
PIN DESCRIPTION
3092 tbl 01
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +4.6
–0.5 to +4.6
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(4) Terminal Voltage
with Respect to
GND
–0.5 to
VCC + 0.5
–0.5 to
VCC + 0.5
V
TA
Operating
Temperature
–40 to +85
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
1.0
1.0
W
IOUT
DC Output
Current
–60 to +60
–60 to +60
mA
3092 lnk 03
3092 tbl 02
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
3092 lnk 04
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input
Capacitance
VIN = 0V
3.5
6.0
pF
COUT
Output
Capacitance
VOUT = 0V
4.0
8.0
pF
Names
I/O
Description
OEI
I
When both are LOW the outputs are
enabled. When either one or both are
HIGH the outputs are High Z.
DI
I
10-bit data input.
YI
O
10-bit data output.
Inputs
Output
OE
OE1
OE
OE2
DI
YI
Function
L
L
L
L
L
H
L
H
Transparent
H
X
X
H
X
X
Z
Z
Three-State
OE1
D0
D1
D2
D3
D4
D5
D6
D7
Y0
Y1
Y2
Y3
Y4
Y6
Y5
Y7
VCC
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
20
P24-1
D24-1
SO24-2
SO24-7
&
SO24-8
11
12
21
22
23
24
D8
D9
Y8
Y9
OE2
GND
FUNCTION TABLE
(1)
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
2. Vcc terminals.
3. Input terminals.
4. Output and I/O terminals.


Similar Part No. - IDT54FCT3827B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT388915T IDT-IDT54FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
IDT54FCT388915T100 IDT-IDT54FCT388915T100 Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
IDT54FCT388915T100J IDT-IDT54FCT388915T100J Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
IDT54FCT388915T100JB IDT-IDT54FCT388915T100JB Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
IDT54FCT388915T100L IDT-IDT54FCT388915T100L Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
More results

Similar Description - IDT54FCT3827B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
   Fast CMOS 3.3V 10-Bit Buffers
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
   Fast CMOS 3.3V 20-Bit Buffers
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT827AT IDT-IDT74FCT827AT Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
Maxwell Technologies
54LVTH244A MAXWELL-54LVTH244A Datasheet
194Kb / 9P
   3.3V ABT 8-Bit Octal Buffers/Drivers
logo
Integrated Device Techn...
IDT74ALVCH162820 IDT-IDT74ALVCH162820 Datasheet
66Kb / 6P
   3.3V CMOS 10-BIT FLIP FLOP WITH DUAL OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com