Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT244D Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT54FCT244D
Description  3.3V CMOS OCTAL BUFFER/LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT244D Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT54FCT244D Datasheet HTML 1Page - Integrated Device Technology IDT54FCT244D Datasheet HTML 2Page - Integrated Device Technology IDT54FCT244D Datasheet HTML 3Page - Integrated Device Technology IDT54FCT244D Datasheet HTML 4Page - Integrated Device Technology IDT54FCT244D Datasheet HTML 5Page - Integrated Device Technology IDT54FCT244D Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IDT54/74FCT3244/A
3.3V CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
8.11
6
ORDERING INFORMATION
2779 drw 08
IDT
XX
FCT
XX
Device Type
X
Package
X
Process
Blank
B
P
D
SO
PY
Q
244
244A
Commercial
MIL-STD-883, Class B
Plastic DIP (P20-1)
CERDIP (D20-1)
Small Outline IC (SO20-2)
Shrink Small Outline Package (SO20-7)
Quarter-size Small Outline Package (SO20-8)
Non-Inverting Octal Buffer/Line Driver
54
74
–55
°C to +125°C
–40
°C to +85°C
Temp. Range
X
Family
3
3.3 Volt


Similar Part No. - IDT54FCT244D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT244D IDT-IDT54FCT244D Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT244D IDT-IDT54FCT244D Datasheet
128Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT244DB IDT-IDT54FCT244DB Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT244DB IDT-IDT54FCT244DB Datasheet
128Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT244DT IDT-IDT54FCT244DT Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
More results

Similar Description - IDT54FCT244D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT3244 RENESAS-74FCT3244 Datasheet
166Kb / 7P
   3.3V CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com