Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB766 Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2SB766
Description  Large collector power dissipation PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

2SB766 Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  2SB766 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 2SB766 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Plastic-Encapsulate Transistors
2SB766 Typical Characteristics
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - 2SB766

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB766 PANASONIC-2SB766 Datasheet
39Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
logo
Nanjing International G...
2SB766 DGNJDZ-2SB766 Datasheet
485Kb / 4P
   Silicon PNP epitaxial planer transistor
logo
TRANSYS Electronics Lim...
2SB766 TEL-2SB766 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SB766 KEXIN-2SB766 Datasheet
52Kb / 2P
   Silicon PNP Epitaxial Planar Type
logo
SeCoS Halbleitertechnol...
2SB766 SECOS-2SB766 Datasheet
95Kb / 2P
   PNP Silicon Medium Power Transistor
More results

Similar Description - 2SB766

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
2SB766A MAKOSEMI-2SB766A Datasheet
105Kb / 2P
   Large collector power dissipation PC
logo
Sanken electric
STD03N SANKEN-STD03N Datasheet
398Kb / 8P
   High collector power dissipation: Pc=160W
logo
Inchange Semiconductor ...
2SD1896 ISC-2SD1896 Datasheet
136Kb / 2P
   High Collector Power Dissipation
logo
SHIKUES Electronics
2SD1619 SKTECHNOLGY-2SD1619 Datasheet
845Kb / 3P
   Power dissipation, Collector base voltage
logo
Fairchild Semiconductor
KSD1691GS FAIRCHILD-KSD1691GS Datasheet
52Kb / 5P
   Low Collector-Emtter Saturation Voltage & Large Collector Current
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
   Low Collector-Emitter Saturation Voltage Large Collector Current
KSD1691OS FAIRCHILD-KSD1691OS Datasheet
52Kb / 5P
   Low Collector-Emtter Saturation Voltage & Large Collector Current
logo
Inchange Semiconductor ...
2SC2653H ISC-2SC2653H Datasheet
84Kb / 2P
   Large Pc
2SA679 ISC-2SA679 Datasheet
82Kb / 2P
   High Power Dissipation-: PC= 100W(Max.)@TC=25C
2SA680 ISC-2SA680 Datasheet
82Kb / 2P
   High Power Dissipation-: PC= 100W(Max.)@TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com