Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72801L10TFI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72801L10TFI
Description  DUAL CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72801L10TFI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72801L10TFI Datasheet HTML 1Page - Integrated Device Technology IDT72801L10TFI Datasheet HTML 2Page - Integrated Device Technology IDT72801L10TFI Datasheet HTML 3Page - Integrated Device Technology IDT72801L10TFI Datasheet HTML 4Page - Integrated Device Technology IDT72801L10TFI Datasheet HTML 5Page - Integrated Device Technology IDT72801L10TFI Datasheet HTML 6Page - Integrated Device Technology IDT72801L10TFI Datasheet HTML 7Page - Integrated Device Technology IDT72801L10TFI Datasheet HTML 8Page - Integrated Device Technology IDT72801L10TFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Commercial And Industrial Temperature Range
IDT72801/728211/72821/72831/72841/72851
Com'l &
Commercial
Ind'l
(1)
IDT72801L10
IDT72801L15
IDT72801L25
IDT72811L10
IDT72811L15
IDT72811L25
IDT72821L10
IDT72821L15
IDT72821L25
IDT72831L10
IDT72831L15
IDT72831L25
IDT72841L10
IDT72841L15
IDT72841L25
IDT72851L10
IDT72851L15
IDT72851L25
Symbol
Parameter
Min
Max.
Min
Max.
Min
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
40
MHz
tA
Data Access Time
2
6.5
2
10
2
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
Clock High Time
4.5
6
10
ns
tCLKL
Clock Low Time
4.5
6
10
ns
tDS
Data Setup Time
3
4
6
ns
tDH
Data Hold Time
0.5
1
1
ns
tENS
Enable Setup Time
3
4
6
ns
tENH
Enable Hold Time
0.5
1
1
ns
tRS
Reset Pulse Width(2)
10
15
15
ns
tRSS
Reset Setup Time
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
Reset to Flag Time and Output Time
10
15
25
ns
tOLZ
Output Enable to Output in Low-Z(3)
0—
0
0—
ns
tOE
Output Enable to Output Valid
3
6
3
8
3
13
ns
tOHZ
Output Enable to Output in High-Z(3)
36
3
8
3
13
ns
tWFF
Write Clock to Full Flag
6.5
10
15
ns
tREF
Read Clock to Empty Flag
6.5
10
15
ns
tPAF
Write Clock to Programmable
6.5
10
15
ns
Almost-Full Flag
tPAE
Read Clock to Programmable
6.5
10
15
ns
Almost-Empty Flag
tSKEW1
Skew Time Between Read Clock and
5
6
10
ns
Write Clock for Empty Flag and Full Flag
tSKEW2
Skew Time Between Read Clock and Write
14
15
18
ns
Clock for Programmable Almost-Empty Flag
and Programmable Almost-Full Flag
In Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 1
or equivalent circuit
Figure 1. Output Load
*Includes jig and scope capacitances.
30pF*
1.1K
5V
680
D.U.T.
3034 drw 03
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)
NOTES:
1. Industrial temperature range product for 15ns and 25ns speed grade are available as a standard device.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
AC TEST CONDITIONS


Similar Part No. - IDT72801L10TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801L12PF IDT-IDT72801L12PF Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801L15PF IDT-IDT72801L15PF Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
More results

Similar Description - IDT72801L10TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com