Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT299A Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT299A
Description  FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT299A Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT299A Datasheet HTML 1Page - Integrated Device Technology IDT74FCT299A Datasheet HTML 2Page - Integrated Device Technology IDT74FCT299A Datasheet HTML 3Page - Integrated Device Technology IDT74FCT299A Datasheet HTML 4Page - Integrated Device Technology IDT74FCT299A Datasheet HTML 5Page - Integrated Device Technology IDT74FCT299A Datasheet HTML 6Page - Integrated Device Technology IDT74FCT299A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated Device Technology, Inc.
®
FAST CMOS
8-INPUT UNIVERSAL
SHIFT REGISTER
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST is a registered trademark of National Semiconductor Co.
FEATURES:
• IDT54/74FCT299 equivalent to FAST
™ speed
• IDT54/74FCT299A 25% faster than FAST
• IDT54/74FCT299C 35% faster than FAST
• Equivalent to FAST output drive over full temperature
and voltage supply extremes
•IOL = 48mA (commercial) and 32mA (military)
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than FAST
(5
µA max.)
• 8-input universal shift register
• JEDEC standard pinout for DIP and LCC
• Product available in Radiation Tolerant and Radiation
Enhanced versions
• Military product compliant to MIL-STD-883, Class B
• Standard Military Drawing# 5962-86862 is listed on this
function. Refer to section 2.
DESCRIPTION:
The IDT54/74FCT299 and IDT54/74FCT299A/C are built
using an advanced dual metal CMOS technology. The IDT54/
74FCT299 and IDT54/74FCT299A/C are 8-input universal
shift/storage registers with 3-state outputs. Four modes of
operation are possible: hold (store), shift left, shift right and
load data. The parallel load inputs and flip-flop outputs are
multiplexed to reduce the total number of package pins.
Additional outputs are provided for flip-flops Q0 and Q7 to
allow easy serial cascading. A separate active LOW Master
Reset is used to reset the register.
FUNCTIONAL BLOCK DIAGRAM
CD
D
CP
Q
CD
D
CP
Q
CD
D
C P
Q
CD
D
C P
Q
CD
D
CP
Q
CD
D
CP
Q
CD
D
CP
Q
CD
D
CP
Q
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
I/O7
Q7
DS7
OE2
OE1
MR
Q0
CP
DS0
S1
S0
2561 drw 01
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1992
©1994 Integrated Device Technology, Inc.
7.11
DSC-4604/3
IDT54/74FCT299
IDT54/74FCT299A
IDT54/74FCT299C
1


Similar Part No. - IDT74FCT299A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT299AT IDT-IDT74FCT299AT Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299ATD IDT-IDT74FCT299ATD Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299ATDB IDT-IDT74FCT299ATDB Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299ATE IDT-IDT74FCT299ATE Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT74FCT299ATEB IDT-IDT74FCT299ATEB Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
More results

Similar Description - IDT74FCT299A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT299T IDT-IDT74FCT299T Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
74AC299 FAIRCHILD-74AC299 Datasheet
114Kb / 11P
   8-Input Universal Shift/Storage Register
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
   8-Input Universal Shift/Storage Register with
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
[Old version datasheet]   8-Input Universal Shift Storage Register with Common Parallel
logo
NXP Semiconductors
74F166 PHILIPS-74F166 Datasheet
94Kb / 12P
   8-bit bidirectional universal shift register
1991 Feb 14
74F198 PHILIPS-74F198 Datasheet
95Kb / 12P
   8-bit bidirectional universal shift register
1987 Oct 02
logo
Intersil Corporation
CD40104BMS INTERSIL-CD40104BMS Datasheet
129Kb / 10P
   CMOS 4-Bit Bidirectional Universal Shift Register
December 1992
logo
Texas Instruments
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
[Old version datasheet]   CMOS 4-Bit Bidirectional Universal Shift Register
CD40194B TI-CD40194B Datasheet
233Kb / 7P
[Old version datasheet]   CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com