Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7164S85YB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7164S85YB
Description  CMOS STATIC RAM 64K (8K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7164S85YB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7164S85YB Datasheet HTML 1Page - Integrated Device Technology IDT7164S85YB Datasheet HTML 2Page - Integrated Device Technology IDT7164S85YB Datasheet HTML 3Page - Integrated Device Technology IDT7164S85YB Datasheet HTML 4Page - Integrated Device Technology IDT7164S85YB Datasheet HTML 5Page - Integrated Device Technology IDT7164S85YB Datasheet HTML 6Page - Integrated Device Technology IDT7164S85YB Datasheet HTML 7Page - Integrated Device Technology IDT7164S85YB Datasheet HTML 8Page - Integrated Device Technology IDT7164S85YB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6.1
5
IDT7164S/L
CMOS STATIC RAM 64K (8K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%, All Temperature Ranges)
7164S15
(1)
7164S20
7164S25
7164S30
(2)
7164L15
(1)
7164L20
7164L25
7164L30
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
15
20
25
30
ns
tAA
Address Access Time
15
19
25
29
ns
tACS1
(3)
Chip Select-1 Access Tim
15
20
25
30
ns
tACS2
(3)
Chip Select-2 Access Time
20
25
30
35
ns
tCLZ1,2
(4) Chip Select-1, 2 to Output in Low-Z
5
5
5
5
ns
tOE
Output Enable to Output Valid
7
8
12
15
ns
tOLZ
(4)
Output Enable to Output in Low-Z
0
0
0
0
ns
tCHZ1,2
(4) Chip Select-1, 2 to Output in High-Z
8
9
13
13
ns
tOHZ
(4)
Output Disable to Output in High-Z
7
8
10
12
ns
tOH
Output Hold from Address Change
5
5
5
5
ns
tPU
(4)
Chip Select to Power Up Time
0
0
0
0
ns
tPD
(4)
Chip Deselect to Power Down Time
15
20
25
30
ns
Write Cycle
tWC
Write Cycle Time
15
20
25
30
ns
tCW1, 2
Chip Select to End-of-Write
14
15
18
22
ns
tAW
Address Valid to End-of-Write
14
15
18
22
ns
tAS
Address Set-up Time
0
0
0
0
ns
tWP
Write Pulse Width
14
15
21
23
ns
tWR1
Write Recovery Time (
CS1, WE)
0
—0
—0
0
ns
tWR2
Write Recovery Time (CS2)
5
—5
—5
5
ns
tWHZ
(4)
Write Enable to Output in High-Z
6
8
10
12
ns
tDW
Data to Write Time Overlap
8
10
13
13
ns
tDH1
Data Hold from Write Time (
CS1, WE)
0
—0
—0
0
ns
tDH2
Data Hold from Write Time (CS2)
5
—5
—5
5
ns
tOW
(4)
Output Active from End-of-Write
4
4
4
4
ns
NOTES:
2967 tbl 11
1. 0
° to +70°C temperature range only.
2. –55
°C to +125°C temperature range only. Also available: 100ns military devices.
3. Both chip selects must be active for the device to be selected.
4. This parameter is guaranteed by device characterization, but is not production tested.


Similar Part No. - IDT7164S85YB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S Datasheet
749Kb / 10P
   CMOS Static RAM 64K
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_16 Datasheet
749Kb / 10P
   CMOS Static RAM 64K
More results

Similar Description - IDT7164S85YB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com