Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT299A Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT54FCT299A
Description  FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT299A Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT54FCT299A Datasheet HTML 1Page - Integrated Device Technology IDT54FCT299A Datasheet HTML 2Page - Integrated Device Technology IDT54FCT299A Datasheet HTML 3Page - Integrated Device Technology IDT54FCT299A Datasheet HTML 4Page - Integrated Device Technology IDT54FCT299A Datasheet HTML 5Page - Integrated Device Technology IDT54FCT299A Datasheet HTML 6Page - Integrated Device Technology IDT54FCT299A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IDT54/74FCT299/A/C
FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.11
4
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC – 0.2V
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
ICC
Quiescent Power Supply
Vcc = Max.
0.2
1.5
mA
Current
VIN
≥ VHC; VIN ≤ VLC
∆ICC
Quiescent Power Supply
Vcc = Max.
0.5
2.0
mA
Current TTL Inputs HIGH
VIN = 3.4V
(3)
ICCD
Dynamic Power Supply
Vcc = Max.
VIN
≥ VHC
0.15
0.25
mA/MHz
Current
(4)
Outputs Open
VIN
≤ VLC
OE1 = OE2 = GND
MR = VCC
S0 = S1 = VCC
DS0 = DS1 = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply
Vcc = Max.
VIN
≥ VHC
1.7
4.0
mA
Current
(6)
Outputs Open
VIN
≤ VLC
fCP = 10MHz
(FCT)
50% Duty Cycle
OE1 = OE2 = GND
MR = VCC
S0 = S1 = VCC
DS0 = DS7 = GND
VIN = 3.4V
2.2
6.0
One Bit Toggling
VIN = GND
at fi = 5MHz
50% Duty Cycle
Vcc = Max.
VIN
≥ VHC
4.0
7.8
(5)
Outputs Open
VIN
≤ VLC
fCP = 10MHz
(FCT)
50% Duty Cycle
OE1 = OE2 = GND
MR = VCC
S0 = S1 = VCC
DS0 = DS7 = GND
VIN = 3.4V
6.2
16.8
(5)
Eight Bits Toggling
VIN = GND
at fi = 2.5MHz
50% Duty Cycle
NOTES:
2561 tbl 06
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Output Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.


Similar Part No. - IDT54FCT299A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT299AT IDT-IDT54FCT299AT Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT54FCT299ATD IDT-IDT54FCT299ATD Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT54FCT299ATDB IDT-IDT54FCT299ATDB Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT54FCT299ATE IDT-IDT54FCT299ATE Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
IDT54FCT299ATEB IDT-IDT54FCT299ATEB Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
More results

Similar Description - IDT54FCT299A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT299T IDT-IDT74FCT299T Datasheet
109Kb / 7P
   FAST CMOS 8-INPUT UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
74AC299 FAIRCHILD-74AC299 Datasheet
114Kb / 11P
   8-Input Universal Shift/Storage Register
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
   8-Input Universal Shift/Storage Register with
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
[Old version datasheet]   8-Input Universal Shift Storage Register with Common Parallel
logo
NXP Semiconductors
74F166 PHILIPS-74F166 Datasheet
94Kb / 12P
   8-bit bidirectional universal shift register
1991 Feb 14
74F198 PHILIPS-74F198 Datasheet
95Kb / 12P
   8-bit bidirectional universal shift register
1987 Oct 02
logo
Intersil Corporation
CD40104BMS INTERSIL-CD40104BMS Datasheet
129Kb / 10P
   CMOS 4-Bit Bidirectional Universal Shift Register
December 1992
logo
Texas Instruments
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
[Old version datasheet]   CMOS 4-Bit Bidirectional Universal Shift Register
CD40194B TI-CD40194B Datasheet
233Kb / 7P
[Old version datasheet]   CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com