Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BM2450E0805ET Datasheet(PDF) 1 Page - Frontier Electronics.

Part No. BM2450E0805ET
Description  Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FRONTIER [Frontier Electronics.]
Homepage  http://www.frontierusa.com
Logo 

BM2450E0805ET Datasheet(HTML) 1 Page - Frontier Electronics.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BM2450E0805ET BALUN MATCHED SPECIFICATION
Rev. A
PRODUCT FEATURES
1.
Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
2.
Provide high rejection rate and DC bias option.
3.
Highly stable under temperature and humidity changes.
RF CHARACTERISTICS
PHYSICAL DIMENSIONS
TERMINAL CONFIGURATION
PCB DESIGN/LAYOUT CONSIDERATION
P/N BM2450E0805ET
Specification
Frequency range
2400 - 2500 MHz
Insertion Loss
2.8 dB max
VSWR
2.1 max
Impedance (Unbalanced)
50 Ω
Impedance ( Balanced )
Conjugate matched to
MT6611 Bluetooth chipset
Phase Difference
180
°± 10°
Amplitude Difference
2.0 dB Max
Attenuation ( min.)
35dB @ 880-960 MHz
30dB @1710-1880 MHz
20dB @1880-1990 MHz
30dB @ 4800-5000 MHz
Operating temperature range
-40°C to +85°C
Symbol
Dimension
(mm)
L
2.00 ± 0.15
W
1.25 ± 0.10
T
0.90 ± 0.10
A,E,F
0.20 ± 0.15
B
0.30 ± 0.10
C
0.35 ± 0.10
D
0.65 ± 0.10
G
0.30 ± 0.10
PIN
Definition
PIN
Definition
P1
Unbalanced Port
P5
Balanced Port
P2
DC/GND
P6
GND
P3
NC
P7
Balanced Port
P4
GND
P8
GND
P1
P2
P3
P4
P5
P6
P7
P8
Unbalanced Port
Note:
- Unit in mm
- Design trace width to be 50
Ω impedance.
Frontier Electronics Corp.
®
Page: 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn