Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7164L35YB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7164L35YB
Description  CMOS STATIC RAM 64K (8K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7164L35YB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7164L35YB Datasheet HTML 1Page - Integrated Device Technology IDT7164L35YB Datasheet HTML 2Page - Integrated Device Technology IDT7164L35YB Datasheet HTML 3Page - Integrated Device Technology IDT7164L35YB Datasheet HTML 4Page - Integrated Device Technology IDT7164L35YB Datasheet HTML 5Page - Integrated Device Technology IDT7164L35YB Datasheet HTML 6Page - Integrated Device Technology IDT7164L35YB Datasheet HTML 7Page - Integrated Device Technology IDT7164L35YB Datasheet HTML 8Page - Integrated Device Technology IDT7164L35YB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
6.1
3
IDT7164S/L
CMOS STATIC RAM 64K (8K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS(1)
(VCC = 5.0V
± 10%, VLC = 0.2V, VHC = VCC - 0.2V)
7164S15
7164S20
7164S25
7164S30
7164L15
7164L20
7164L25
7164L30
Symbol
Parameter
Power
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Unit
ICC1
Operating Power Supply
S
110
100
110
90
110
100
mA
Current,
CS1 = VIL, CS2 = VIH,
Outputs Open, VCC = Max., f = 0(3)
L
100
90
100
80
100
90
ICC2
Dynamic Operating Current
S
180
170
180
170
180
170
mA
CS1 = VIL, CS2 = VIH,
Outputs Open, VCC = Max., f = fMAX(3)
L
150
150
160
150
160
150
ISB
Standby Power Supply Current
S
20
20
20
20
20
20
mA
(TTL Level),
CS1 ≥ VIH or CS2 ≤ VIL
VCC = Max., Outputs Open, f = fMAX(3)
L
3
353
5
5
ISB1
Full Standby Power Supply Current
S
15
15
20
15
20
20
mA
(CMOS Level), f = 0(3), VCC = Max.
1.
CS1 ≥ VHC and CS2 ≥ VHC, or
L
0.2
0.2
1
0.2
1
1
2. CS2
≤ VLC
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
8
pF
CI/O
I/O Capacitance
VOUT = 0V
8
pF
NOTE:
2967 tbl 06
1. This parameter is determined by device characterization, but is not
production tested.
DC ELECTRICAL CHARACTERISTICS
(1) (Continued)
(VCC = 5.0V
± 10%, VLC = 0.2V, VHC = VCC - 0.2V)
7164S35
7164S45
7164S55
7164S70
(2)/85(4)
7164L35
7164L45
7164L55
7164L70
(2)/85(4)
Symbol
Parameter
Power
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Unit
ICC1
Operating Power Supply
S
90
100
100
100
90
100
mA
Current,
CS1 = VIL, CS2 = VIH,
Outputs Open, VCC = Max., f = 0
(3)
L
8090
90
90
8090
ICC2
Dynamic Operating Current
S
150
160
160
160
150
160
mA
CS1 = VIL, CS2 = VIH,
Outputs Open, VCC = Max., f = fMAX
(3)
L
130
140
130
125
130
120
ISB
Standby Power Supply Current
S
20
20
20
20
20
20
mA
(TTL Level),
CS1 ≥ VIH, or CS2 ≤ VIL
VCC = Max., Outputs Open, f = fMAX
(3)
L35
5
5
35
ISB1
Full Standby Power Supply Current
S
15
20
20
20
15
20
mA
(CMOS Level), f = 0
(3), VCC = Max.
1.
CS1 ≥ VHC and CS2 ≥ VHC, or
L
0.2
1
1
1
0.2
1
2. CS2
≤ VLC
NOTES:
2967 tbl 07
1. All values are maximum guaranteed values.
2. 70 ns available in both military and commercial devices.
3. fMAX = 1/tRC (all address inputs are cycling at fMAX); f = 0 means no address input lines are changing.
4. Also available: 100ns military devices.


Similar Part No. - IDT7164L35YB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7164L IDT-IDT7164L Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164LL IDT-IDT7164LL Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164LS IDT-IDT7164LS Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
More results

Similar Description - IDT7164L35YB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com