Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT16652AT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT16652AT
Description  FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT16652AT Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT16652AT Datasheet HTML 1Page - Integrated Device Technology IDT74FCT16652AT Datasheet HTML 2Page - Integrated Device Technology IDT74FCT16652AT Datasheet HTML 3Page - Integrated Device Technology IDT74FCT16652AT Datasheet HTML 4Page - Integrated Device Technology IDT74FCT16652AT Datasheet HTML 5Page - Integrated Device Technology IDT74FCT16652AT Datasheet HTML 6Page - Integrated Device Technology IDT74FCT16652AT Datasheet HTML 7Page - Integrated Device Technology IDT74FCT16652AT Datasheet HTML 8Page - Integrated Device Technology IDT74FCT16652AT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
IDT54/74FCT16652T/AT/CT/ET, FCT162652T/AT/CT/ET
FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
1
B1
1
B2
GND
1
B3
1
B4
VCC
1
B5
1
B6
1
OEBA
1
SBA
1
B7
1
B8
2
B1
2
B2
GND
2
B3
2
B4
VCC
2
B5
GND
1
CLKBA
2
B7
2
B6
2
B8
GND
2
SBA
2
CLKBA
2
OEBA
1
OEAB
1
CLKAB
1
SAB
GND
1
A1
1
A2
VCC
1
A3
1
A4
GND
1
A5
1
A6
1
A7
1
A8
GND
2
A1
2
A2
VCC
2
A3
2
SAB
2
A5
2
A4
2
A7
GND
2
A8
2
CLKAB
2OEAB
2
A6
2549 drw 03
47
37
38
39
40
41
42
43
44
45
46
33
34
35
36
56
55
49
50
51
52
53
54
48
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
SSOP/
TSSOP/TVSOP
TOP VIEW
SO56-1
SO56-2
SO56-3
29
30
31
32
25
26
27
28
1
OEAB
1
CLKAB
1
SAB
GND
1
A1
1
A2
VCC
1
A3
1
A4
GND
1
A5
1
A6
1
A7
1
A8
GND
2
A1
2
A2
VCC
2
A3
2
SAB
2
A5
2
A4
2
A7
GND
2
A8
2
CLKAB
2OEAB
2
A6
1
B1
1
B2
GND
1
B3
1
B4
VCC
1
B5
1
B6
1
OEBA
1
SBA
1
B7
1
B8
2
B1
2
B2
GND
2
B3
2
B4
VCC
2
B5
GND
1
CLKBA
2
B7
2
B6
2
B8
GND
2
SBA
2
CLKBA
2
OEBA
47
37
38
39
40
41
42
43
44
45
46
33
34
35
36
56
55
49
50
51
52
53
54
48
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
29
30
31
32
25
26
27
28
2549 drw 04
CERPACK
TOP VIEW
E56-1


Similar Part No. - IDT74FCT16652AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16601AT IDT-IDT74FCT16601AT Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601ATPA IDT-IDT74FCT16601ATPA Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601ATPF IDT-IDT74FCT16601ATPF Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601ATPV IDT-IDT74FCT16601ATPV Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601CT IDT-IDT74FCT16601CT Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - IDT74FCT16652AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16646T IDT-IDT74FCT16646T Datasheet
177Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
Integrated Device Techn...
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC16245A IDT-IDT74LVC16245A_15 Datasheet
121Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com