Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT16646CT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT16646CT
Description  FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT16646CT Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT16646CT Datasheet HTML 1Page - Integrated Device Technology IDT74FCT16646CT Datasheet HTML 2Page - Integrated Device Technology IDT74FCT16646CT Datasheet HTML 3Page - Integrated Device Technology IDT74FCT16646CT Datasheet HTML 4Page - Integrated Device Technology IDT74FCT16646CT Datasheet HTML 5Page - Integrated Device Technology IDT74FCT16646CT Datasheet HTML 6Page - Integrated Device Technology IDT74FCT16646CT Datasheet HTML 7Page - Integrated Device Technology IDT74FCT16646CT Datasheet HTML 8Page - Integrated Device Technology IDT74FCT16646CT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated Device Technology, Inc.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FUNCTIONAL BLOCK DIAGRAM
FAST CMOS 16-BIT BUS
TRANSCEIVER/
REGISTERS (3-STATE)
IDT54/74FCT16646T/AT/CT/ET
IDT54/74FCT162646T/AT/CT/ET
1
B1
1
A1
1
OE
1
DIR
1
SBA
1
SAB
1
CLKBA
1
CLKAB
2540 drw 01
TO 7 OTHER CHANNELS
B REG
A REG
D
C
C
D
2
A1
2
OE
2
DIR
2
SBA
2
SAB
2
B1
2
CLKBA
2
CLKAB
2540 drw 02
TO 7 OTHER CHANNELS
B REG
A REG
D
C
C
D
74FCT162646T/AT/CT/ET 16-bit registered transceivers are
built using advanced dual metal CMOS technology. These
high-speed, low-power devices are organized as two inde-
pendent 8-bit bus transceivers with 3-state D-type registers.
The control circuitry is organized for multiplexed transmission
of data between A bus and B bus either directly or from the
internal storage registers. Each 8-bit transceiver/register fea-
tures direction control (xDIR), over-riding Output Enable con-
trol (x
OE) and Select lines (xSAB and xSBA) to select either
real-time data or stored data. Separate clock inputs are
provided for A and B port registers. Data on the A or B data
bus, or both, can be stored in the internal registers by the
LOW-to-HIGH transitions at the appropriate clock pins. Flow-
through organization of signal pins simplifies layout. All inputs
are designed with hysteresis for improved noise margin.
The IDT54/74FCT16646T/AT/CT/ET are ideally suited for
driving high-capacitance loads and low-impedance
backplanes. The output buffers are designed with power off
disable capability to allow "live insertion" of boards when used
as backplane drivers.
The IDT54/74FCT162646T/AT/CT/ET have balanced
output drive with current limiting resistors. This offers low
ground bounce, minimal undershoot, and controlled output
fall times–reducing the need for external series terminating
resistors. The IDT54/74FCT162646T/AT/CT/ET are plug-in
replacements for the IDT54/74FCT16646T/AT/CT/ET and
54/74ABT16646 for on-board bus interface applications.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1996
©1996 Integrated Device Technology, Inc.
5.13
DSC-4231/9
1
DESCRIPTION:
The IDT54/74FCT16646T/AT/CT/ET and IDT54/
FEATURES:
• Common features:
0.5 MICRON CMOS Technology
High-speed, low-power CMOS replacement for
ABT functions
Typical tSK(o) (Output Skew) < 250ps
Low input and output leakage
≤1µA (max.)
ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
Packages include 25 mil pitch SSOP, 19.6 mil pitch
TSSOP, 15.7 mil pitch TVSOP and 25 mil pitch Cerpack
Extended commercial range of -40
°C to +85°C
–VCC = 5V
±10%
• Features for FCT16646T/AT/CT/ET:
High drive outputs (-32mA IOH, 64mA IOL)
Power off disable outputs permit “live insertion”
Typical VOLP (Output Ground Bounce) < 1.0V at
VCC = 5V, TA = 25
°C
• Features for FCT162646T/AT/CT/ET:
Balanced Output Drivers:
±24mA (commercial),
±16mA (military)
Reduced system switching noise
Typical VOLP (Output Ground Bounce) < 0.6V at
VCC = 5V,TA = 25
°C


Similar Part No. - IDT74FCT16646CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16601AT IDT-IDT74FCT16601AT Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601ATPA IDT-IDT74FCT16601ATPA Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601ATPF IDT-IDT74FCT16601ATPF Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601ATPV IDT-IDT74FCT16601ATPV Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601CT IDT-IDT74FCT16601CT Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - IDT74FCT16646CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
logo
NXP Semiconductors
74ABT16245B(1) PHILIPS-74ABT16245B(1)_15 Datasheet
154Kb / 15P
   16-bit bus transceiver; 3-state
Rev. 4-19 August 2014
logo
Nexperia B.V. All right...
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
   16-bit bus transceiver; 3-state
logo
NXP Semiconductors
74ABT16245B PHILIPS-74ABT16245B Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16245B NEXPERIA-74ABT16245B Datasheet
215Kb / 12P
   16-bit bus transceiver; 3-state
Rev. 6 - 14 July 2021
logo
Texas Instruments
CD74ACT646EN TI1-CD74ACT646EN Datasheet
996Kb / 15P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com