Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT164245TE Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT54FCT164245TE
Description  FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT164245TE Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT54FCT164245TE Datasheet HTML 1Page - Integrated Device Technology IDT54FCT164245TE Datasheet HTML 2Page - Integrated Device Technology IDT54FCT164245TE Datasheet HTML 3Page - Integrated Device Technology IDT54FCT164245TE Datasheet HTML 4Page - Integrated Device Technology IDT54FCT164245TE Datasheet HTML 5Page - Integrated Device Technology IDT54FCT164245TE Datasheet HTML 6Page - Integrated Device Technology IDT54FCT164245TE Datasheet HTML 7Page - Integrated Device Technology IDT54FCT164245TE Datasheet HTML 8Page - Integrated Device Technology IDT54FCT164245TE Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
8.16
2
IDT54/74FCT164245T
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V-TO-5V TRANSLATOR
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
1
DIR
1
B1
GND
1
B3
VCC1
GND
2
B2
GND
VCC1
GND
1
B2
1
B4
1
B5
1
B6
1
B7
1
B8
2
B1
2
B3
2
B4
2
B5
2
B7
2
B8
2
B6
2
DIR
1
A1
1
A2
GND
1
A3
1
A4
VCC2
1
A5
1
A6
1
A7
1
A8
2
A1
2
A2
2
A3
2
A4
VCC2
2
A5
2
A7
2
A8
2
A6
GND
GND
GND
2
OE
1
OE
39
29
30
31
32
33
34
35
36
37
38
25
26
27
28
48
47
41
42
43
44
45
46
40
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
2555 drw 04
CERPACK
TOP VIEW
E48-1
1
DIR
1
B1
GND
1
B3
VCC1
GND
2
B2
GND
VCC1
GND
1
B2
1
B4
1
B5
1
B6
1
B7
1
B8
2
B1
2
B3
2
B4
2
B5
2
B7
2
B8
2
B6
2
DIR
1
A1
1
A2
GND
1
A3
1
A4
VCC2
1
A5
1
A6
1
A7
1
A8
2
A1
2
A2
2
A3
2
A4
VCC2
2
A5
2
A7
2
A8
2
A6
GND
GND
GND
2
OE
1
OE
2555 drw 03
39
29
30
31
32
33
34
35
36
37
38
25
26
27
28
48
47
41
42
43
44
45
46
40
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
SSOP
TSSOP
TOP VIEW
SO48-1
SO48-2
POWER SUPPLY SEQUENCING
In the IDT54/74FCT164245T the condition of VCC1
(VCC2 –0.5V) must be maintained at all times. For the range
of VCC1 = (VCC2 –0.5V) to VCC1 = (VCC2 +0.9V), both the A
and B ports will remain in a high impedance state.


Similar Part No. - IDT54FCT164245TE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT161AT IDT-IDT54FCT161AT Datasheet
94Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
IDT54FCT161ATD IDT-IDT54FCT161ATD Datasheet
94Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
IDT54FCT161ATDB IDT-IDT54FCT161ATDB Datasheet
94Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
IDT54FCT161ATE IDT-IDT54FCT161ATE Datasheet
94Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
IDT54FCT161ATEB IDT-IDT54FCT161ATEB Datasheet
94Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
More results

Similar Description - IDT54FCT164245TE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT164245TPVG IDT-IDT74FCT164245TPVG Datasheet
98Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245T IDT-IDT74FCT164245T_16 Datasheet
173Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
74FCT164245TPVG IDT-74FCT164245TPVG Datasheet
98Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Renesas Technology Corp
IDT74FCT164245T RENESAS-IDT74FCT164245T Datasheet
379Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
MAY 2016
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Sanyo Semicon Device
LC74FCT164245 SANYO-LC74FCT164245 Datasheet
183Kb / 8P
   Fast 16-Bit CMOS Bidirectional Transceiver(Supporting 3.3 to 5V Operation)
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com