Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM84782 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM84782
Description  Low Voltage Analog Switch/Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM84782 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM84782_15 Datasheet HTML 1Page - SG Micro Corp SGM84782_15 Datasheet HTML 2Page - SG Micro Corp SGM84782_15 Datasheet HTML 3Page - SG Micro Corp SGM84782_15 Datasheet HTML 4Page - SG Micro Corp SGM84782_15 Datasheet HTML 5Page - SG Micro Corp SGM84782_15 Datasheet HTML 6Page - SG Micro Corp SGM84782_15 Datasheet HTML 7Page - SG Micro Corp SGM84782_15 Datasheet HTML 8Page - SG Micro Corp SGM84782_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
4Ω, High Speed, Low Voltage
SGM84782
Analog Switch/Multiplexer
2
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
TQFN-3×3-16L
-40
℃ to +85℃
SGM84782YTQ16/TR
84782
Tape and Reel, 3000
SGM84782
TSSOP-16
-40
℃ to +85℃
SGM84782YTS/TR
SGM84782YTS
Tape and Reel, 3000
ABSOLUTE MAXIMUM RATINGS
V+ to GND....................................................................0V to 4.6V
Analog, Digital voltage range....................... -0.3V to (V+) + 0.3V
Continuous Current NO, NC, or COM ............................±100mA
Operating Temperature Range............................-40
℃ to +85℃
Junction Temperature........................................................150
Storage Temperature Range..............................-65
℃ to +150℃
Lead Temperature (soldering, 10s)....................................260
ESD Susceptibility
HBM..................................................................................4000V
MM......................................................................................400V
NOTE: Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.
PIN DESCRIPTION
PIN
TSSOP-16
TQFN-3×3-16L
NAME
FUNCTION
1, 5, 2, 4
15, 3, 16, 2
Y0-Y3
Analog Switch Y Inputs Y0-Y3.
3
1
Y
Analog Switch Y Output.
6
4
ENABLE
Digital Enable Input. Normally connect to GND. Drive to logic
high to set all switches off.
7
5
N.C.
Not Internally Connected.
8
6
GND
Ground.
9
7
B
Digital Address B Input.
10
8
A
Digital Address A Input.
12, 14, 15, 11
10, 12, 13, 9
X0-X3
Analog Switch X Inputs X0-X3.
13
11
X
Analog Switch X Output.
16
14
V+
Power Supply.
Exposed Pad
GND
Exposed pad should be soldered to PCB board and connected
to GND.


Similar Part No. - SGM84782_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM84782YTQ16/TR SGMICRO-SGM84782YTQ16/TR Datasheet
481Kb / 10P
   4廓, High Speed, Low Voltage Analog Switch / Multiplexer
SGM84782YTS SGMICRO-SGM84782YTS Datasheet
481Kb / 10P
   4廓, High Speed, Low Voltage Analog Switch / Multiplexer
SGM84782YTS/TR SGMICRO-SGM84782YTS/TR Datasheet
481Kb / 10P
   4廓, High Speed, Low Voltage Analog Switch / Multiplexer
More results

Similar Description - SGM84782_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
logo
SG Micro Corp
SGM4782 SGMICRO-SGM4782_15 Datasheet
337Kb / 11P
   Analog Switch/Multiplexer
logo
Vishay Siliconix
DG9454E VISHAY-DG9454E Datasheet
205Kb / 12P
   Analog Switch / Multiplexer
Rev. A, 18-Apr-16
logo
SG Micro Corp
SGM84782 SGMICRO-SGM84782 Datasheet
481Kb / 10P
   4廓, High Speed, Low Voltage Analog Switch / Multiplexer
SGM4782 SGMICRO-SGM4782 Datasheet
493Kb / 10P
   0.5廓, High Speed, Low Voltage Analog Switch / Multiplexer
logo
Fairchild Semiconductor
FSA3357 FAIRCHILD-FSA3357 Datasheet
112Kb / 7P
   Low Voltage SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158 Datasheet
88Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com