Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9126 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM9126
Description  Definition Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9126 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM9126 Datasheet HTML 1Page - SG Micro Corp SGM9126 Datasheet HTML 2Page - SG Micro Corp SGM9126 Datasheet HTML 3Page - SG Micro Corp SGM9126 Datasheet HTML 4Page - SG Micro Corp SGM9126 Datasheet HTML 5Page - SG Micro Corp SGM9126 Datasheet HTML 6Page - SG Micro Corp SGM9126 Datasheet HTML 7Page - SG Micro Corp SGM9126 Datasheet HTML 8Page - SG Micro Corp SGM9126 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6-Channel, 5th-Order, Standard
Definition Video Filter Driver
3
SG Micro Corp
www.sg-micro.com
SGM9126
ELECTRICAL CHARACTERISTICS: VCC = 5.0V
(At RL = 150Ω connected to GND, VIN = 1VPP and CIN = 0.1μF, all outputs AC-coupled with 220μF, unless otherwise noted.)
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
+25°C
396
550
Output Level Shift Voltage (VOLS)
VIN = 0V, No load
-40℃ to +85℃
752
mV
+25°C
-180
-110
Input Voltage Clamp (VCLAMP)
IIN = -3.5mA
-40℃ to +85℃
-270
mV
+25°C
-6.0
-4.75
Clamp Charge Current
VIN = VCLAMP - 100mV
-40℃ to +85℃
-6.5
mA
+25°C
5.7
6
6.4
Voltage Gain (AV)
RL = 150Ω
-40℃ to +85℃
5.6
6.5
dB
OUTPUT CHARACTERISTICS
+25°C
4.60
4.75
Output Voltage High Swing
VIN = 3V, RL = 150Ω to GND
-40℃ to +85℃
4.53
V
POWER SUPPLY
Operating Voltage Range
+25°C
3.3
5.5
V
+25°C
44
51
Power Supply Rejection Ratio (PSRR)
VCC = 3.5V to 5.0V
-40℃ to +85℃
37
dB
+25°C
44
55
Quiescent Current (IQ)
VIN = 0.5V
-40℃ to +85℃
63
mA
AC PERFORMANCE
-0.1dB Bandwidth
RL = 150Ω
+25°C
5.7
MHz
-3dB Bandwidth
RL = 150Ω
+25°C
7.7
MHz
Filter Response (Normalized Gain)
fIN = 27MHz
+25°C
44
dB
Slew Rate
2V Output step, 80% to 20%
+25°C
35
V/μs
PAL DC-coupled
+25°C
0.19
%
Differential Gain (DG)
PAL AC-coupled
+25°C
0.27
%
PAL DC-coupled
+25°C
1.03
°
Differential Phase (DP)
PAL AC-coupled
+25°C
1.19
°
Group Delay Variation (D/DT)
Difference between 400kHz and 6.5MHz
+25°C
30.5
ns
Crosstalk (channel-to-channel)
f = 1MHz
+25°C
-66
dB
Fall Time
2V Output step, 80% to 20%
+25°C
34.2
ns
Rise Time
2V Output step, 80% to 20%
+25°C
35.4
ns


Similar Part No. - SGM9126

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9121 SGMICRO-SGM9121 Datasheet
313Kb / 11P
   5th-Order Video Driver with 6dB Gain
SGM9121YC6G/TR SGMICRO-SGM9121YC6G/TR Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9121 SGMICRO-SGM9121_16 Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9122 SGMICRO-SGM9122 Datasheet
256Kb / 10P
   Dual Video Driver with 6dB Gain
SGM9122YTS8/TR SGMICRO-SGM9122YTS8/TR Datasheet
264Kb / 10P
   Dual Video Driver with 6dB Gain
More results

Similar Description - SGM9126

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
   Definition Video Filter Driver
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
   Standard Definition Video Filter Driver
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
   Standard Definition Video Filter Driver
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
   5th-Order, Standard Definition Video Filter Driver
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
   Standard Definition Video Driver
SV5108B SAVITECH-SV5108B Datasheet
333Kb / 8P
   Standard Definition Video Driver
logo
ON Semiconductor
FMS6364A ONSEMI-FMS6364A Datasheet
821Kb / 13P
   Four-Channel Standard- & High-Definition Video Filter Driver
Rev. 3.0.5
logo
Savitech Corp.
SV5108 SAVITECH-SV5108 Datasheet
382Kb / 9P
   Standard Definition Video Driver
logo
3PEAK INC.
TPF143 3PEAK-TPF143 Datasheet
356Kb / 10P
   Low Power, 3-channel High-Definition Video Filter Driver
logo
SG Micro Corp
SGM9127 SGMICRO-SGM9127 Datasheet
300Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com