Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT162511CTE Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT54FCT162511CTE
Description  FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT162511CTE Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT54FCT162511CTE Datasheet HTML 3Page - Integrated Device Technology IDT54FCT162511CTE Datasheet HTML 4Page - Integrated Device Technology IDT54FCT162511CTE Datasheet HTML 5Page - Integrated Device Technology IDT54FCT162511CTE Datasheet HTML 6Page - Integrated Device Technology IDT54FCT162511CTE Datasheet HTML 7Page - Integrated Device Technology IDT54FCT162511CTE Datasheet HTML 8Page - Integrated Device Technology IDT54FCT162511CTE Datasheet HTML 9Page - Integrated Device Technology IDT54FCT162511CTE Datasheet HTML 10Page - Integrated Device Technology IDT54FCT162511CTE Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
5.11
8
IDT54/74FCT162511AT/CT
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE (PROPAGATION DELAYS)
NOTES:
2916 tbl 10
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. On Open Drain Outputs tPLH is measured at VOUT = VOL + 0.3V.
FCT162511AT
FCT162511CT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay, PAx to PBx
Ax to Bx or Bx to Ax, PBx to PAx
CL = 50pF
RL = 500
1.5
5.0
1.5
5.3
1.5
4.2
1.5
4.5
ns
tPLH
Propagation Delay
GEN/CHK LOW
1.5
7.5
1.5
8.0
1.5
6.5
1.5
6.8
ns
tPHL
Ax to PBx
tPLH(3)
Propagation Delay
1.5
9.0
1.5
9.0
1.5
7.5
1.5
7.8
ns
tPHL
Ax to
PERB, PAx to PERB
1.5
8.0
1.5
8.0
1.5
6.5
1.5
6.8
tPLH(3)
Propagation Delay
1.5
9.0
1.5
9.0
1.5
7.5
1.5
7.8
ns
tPHL
Bx to
PERA, PBx to PERA
1.5
8.0
1.5
8.0
1.5
6.5
1.5
6.8
tPLH
tPHL
Propagation Delay
LEBA to Ax and PAx
LEAB to Bx and PBx
1.5
5.6
1.5
6.0
1.5
5.3
1.5
5.5
ns
tPLH(3)
Propagation Delay
1.5
7.0
1.5
7.0
1.5
6.0
1.5
6.3
ns
tPHL
LEBA to
PERA, LEAB to PERB
1.5
6.0
1.5
6.0
1.5
5.0
1.5
5.3
tPLH
tPHL
Propagation Delay
CLKBA to Ax and PAx
CLKAB to Bx and PBx
1.5
5.6
1.5
6.0
1.5
5.3
1.5
5.5
ns
tPLH(3)
Propagation Delay
1.5
7.0
1.5
7.0
1.5
6.0
1.5
6.3
ns
tPHL
CLKBA to
PERA
CLKAB to
PERB
1.5
6.0
1.5
6.0
1.5
5.0
1.5
5.3
tPZH
tPZL
Output Enable Time
OEBA to Ax and PAx
OEAB to BX and PBx
1.5
6.0
1.5
6.5
1.5
5.6
1.5
5.8
ns
tPHZ
tPLZ
Output Disable Time
OEBA to Ax and PAx
OEAB to Bx and PBx
1.5
5.6
1.5
6.0
1.5
5.2
1.5
5.5
ns
tPLZ(3)
Parity ERROR Enable
1.5
6.0
1.5
6.3
1.5
6.0
1.5
6.3
ns
tPZL
OEBA to PERA, OEAB to PERB
1.5
6.0
1.5
6.3
1.5
6.0
1.5
6.3
tPLH(3)
ODD/
EVEN to PERx
1.5
10.0
1.5
10.0
1.5
10.0
1.5
10.0
ns
tPHL
1.5
10.0
1.5
10.0
1.5
10.0
1.5
10.0
tPLH
ODD/
EVEN to PBx
1.5
10.0
1.5
10.0
1.5
10.0
1.5
10.0
ns
tPHL


Similar Part No. - IDT54FCT162511CTE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT162500AT IDT-IDT54FCT162500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT54FCT162500ATE IDT-IDT54FCT162500ATE Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT54FCT162500ATEB IDT-IDT54FCT162500ATEB Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT54FCT162500ATPA IDT-IDT54FCT162500ATPA Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT54FCT162500ATPAB IDT-IDT54FCT162500ATPAB Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
More results

Similar Description - IDT54FCT162511CTE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162511 PERICOM-PI74FCT162511 Datasheet
87Kb / 8P
   Fast CMOS 16-Bit Registered/Latched Transceiver With Parity
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
logo
NXP Semiconductors
74ABT16899 PHILIPS-74ABT16899 Datasheet
105Kb / 16P
   18-bit latched transceiver with 16-bit parity generator/checker 3-State
1998 Feb 25
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com