Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8941 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM8941
Description  Output Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8941 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM8941 Datasheet HTML 3Page - SG Micro Corp SGM8941 Datasheet HTML 4Page - SG Micro Corp SGM8941 Datasheet HTML 5Page - SG Micro Corp SGM8941 Datasheet HTML 6Page - SG Micro Corp SGM8941 Datasheet HTML 7Page - SG Micro Corp SGM8941 Datasheet HTML 8Page - SG Micro Corp SGM8941 Datasheet HTML 9Page - SG Micro Corp SGM8941 Datasheet HTML 10Page - SG Micro Corp SGM8941 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1.5MHz, Rail-to-Rail Input and
Output Operational Amplifiers
7
SGM8941/2
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VS = +5V, unless otherwise noted.
Common Mode Rejection Ratio vs. Temperature
90
95
100
105
110
115
-40
-15
10
35
60
85
Temperature (
℃)
-VS < VCM < +VS
Open-Loop Voltage Gain vs. Temperature
70
75
80
85
90
95
100
-40
-15
10
35
60
85
Temperature (
℃)
RL = 10kΩ
RL = 2kΩ
Offset Voltage Production Distribution
0
5
10
15
20
25
30
35
Offset Voltage (mV)
16000 Samples
1 Production Lot
Power Supply Rejection Ratio vs. Temperature
80
82
84
86
88
90
-40
-15
10
35
60
85
Temperature (
℃)
Quiescent Current and Short-Circuit Current
vs. Supply Voltage
60
70
80
90
100
110
120
130
1.522.533.5
44.555.5
Supply Voltage (V)
ISC
IQ
0
20
30
10
40
50
60
70


Similar Part No. - SGM8941

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8942 SGMICRO-SGM8942 Datasheet
327Kb / 12P
   Output Operational Amplifiers
More results

Similar Description - SGM8941

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8271 SGMICRO-SGM8271 Datasheet
323Kb / 17P
   Output Operational Amplifiers
SGM8951 SGMICRO-SGM8951 Datasheet
337Kb / 13P
   Output Operational Amplifiers
SGM8294 SGMICRO-SGM8294 Datasheet
340Kb / 18P
   Output Operational Amplifiers
logo
Unisonic Technologies
LV324 UTC-LV324_15 Datasheet
192Kb / 6P
   OUTPUT OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8272 SGMICRO-SGM8272 Datasheet
323Kb / 17P
   Output Operational Amplifiers
SGM8292 SGMICRO-SGM8292 Datasheet
340Kb / 18P
   Output Operational Amplifiers
SGM8942 SGMICRO-SGM8942 Datasheet
327Kb / 12P
   Output Operational Amplifiers
SGM8952 SGMICRO-SGM8952 Datasheet
337Kb / 13P
   Output Operational Amplifiers
SGM8291 SGMICRO-SGM8291 Datasheet
340Kb / 18P
   Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_15 Datasheet
451Kb / 11P
   OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com