Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8933 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8933
Description  Rail-to-Rail Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8933 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8933 Datasheet HTML 1Page - SG Micro Corp SGM8933 Datasheet HTML 2Page - SG Micro Corp SGM8933 Datasheet HTML 3Page - SG Micro Corp SGM8933 Datasheet HTML 4Page - SG Micro Corp SGM8933 Datasheet HTML 5Page - SG Micro Corp SGM8933 Datasheet HTML 6Page - SG Micro Corp SGM8933 Datasheet HTML 7Page - SG Micro Corp SGM8933 Datasheet HTML 8Page - SG Micro Corp SGM8933 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1.5MHz, Rail-to-Rail Output
Operational Amplifiers
3
SGM8931/2/3/4
SG Micro Corp
www.sg-micro.com
PIN CONFIGURATIONS (TOP VIEW)
1
2
3
4
5
6
7
8
+VS
SGM8931/3
SOIC-8/MSOP-8
NC
NC = NO CONNECT
-IN
+IN
-VS
NC
OUT
(SGM8933 ONLY)
DISABLE
OUTA
OUTB
+INB
+VS
1
2
3
4
5
6
7
8
-INA
+INA
-VS
-INB
SGM8932
SOIC-8/MSOP-8
+VS
-IN
1
2
3
4
5
-VS
+IN
SOT-23-5/SC70-5
OUT
SGM8931YC5G
SGM8931AYN5G
+VS
-IN
1
2
3
4
5
-VS
+IN
SGM8931BYN5G
SOT-23-5
OUT
+VS
-IN
1
2
3
4
6
-VS
+IN
SOT-23-6
OUT
SGM8933
5 DISABLE
1
2
3
4
5
OUTA
-INA
+INA
-VS
+VS
-IND
+IND
SGM8934
TSSOP-14/SOIC-14
6
7
8
9
10
11
12
13
14
-INB
+INB
-INC
OUTB
OUTC
+INC
OUTD
NOTE: The location of pin 1 on the SOT-23-6 is determined by orienting the package marking as shown.


Similar Part No. - SGM8933

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - SGM8933

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461 Datasheet
75Kb / 10P
   OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_15 Datasheet
483Kb / 11P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
   Output rail-to-rail micropower operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com