Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8931 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM8931
Description  Rail-to-Rail Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8931 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM8931 Datasheet HTML 1Page - SG Micro Corp SGM8931 Datasheet HTML 2Page - SG Micro Corp SGM8931 Datasheet HTML 3Page - SG Micro Corp SGM8931 Datasheet HTML 4Page - SG Micro Corp SGM8931 Datasheet HTML 5Page - SG Micro Corp SGM8931 Datasheet HTML 6Page - SG Micro Corp SGM8931 Datasheet HTML 7Page - SG Micro Corp SGM8931 Datasheet HTML 8Page - SG Micro Corp SGM8931 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1.5MHz, Rail-to-Rail Output
Operational Amplifiers
4
SGM8931/2/3/4
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS: VS = +5V
(At TA = +25
℃, VOUT = VS/2, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE
VCM = VS/2
0.2
0.9
Input Offset Voltage (VOS)
-40
℃ ≤ TA ≤ +85℃
1.4
mV
Input Bias Current (IB)
3
pA
Input Offset Current (IOS)
3
pA
Input Offset Voltage Drift
VCM = VS/2
1.5
µV/
RL = 2kΩ, VOUT = 0.2V to 4.8V
80
90
-40
℃ ≤ TA ≤ +85℃
76
Open-Loop Gain (AOL)
RL = 100kΩ, VOUT = 0.035V to 4.965V
100
dB
INPUT CHARACTERISTICS
Input Common Mode Voltage Range (VCM)
-0.1
3.7
V
VCM = -0.1V to 3.7V
70
86
Common Mode Rejection Ratio (CMRR)
-40
℃ ≤ TA ≤ +85℃
67
dB
OUTPUT CHARACTERISTICS
RL = 2kΩ
80
110
Output Voltage Swing from Rail
-40
℃ ≤ TA ≤ +85℃
120
mV
19
35
Output Short Circuit Current (ISC)
-40
℃ ≤ TA ≤ +85℃
15
mA
POWER-DOWN (SGM8933 only)
Logic Low Voltage (VIL)
0.8
Logic High Voltage (VIH)
2
V
POWER SUPPLY
IOUT = 0mA
80
130
Quiescent Current (per Amplifier)
-40
℃ ≤ TA ≤ +85℃
150
μA
Supply Current when Disabled
(SGM8933 only)
0.1
6
μA
VS = +1.8V to +5.5V, VCM = 0.5V
68
80
Power Supply Rejection Ratio (PSRR)
-40
℃ ≤ TA ≤ +85℃
64
dB
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
RL = 2kΩ, CL = 100pF
1.5
MHz
Slew Rate
VOUT = 2VPP, AV = 1
0.8
V/μs
Crosstalk
f = 1kHz
110
dB
Settling Time to 0.1% (tS)
VOUT = 2VPP, f = 1kHz, AV = 1, RL = 2kΩ,
CL = 100pF
3.5
μs
Overload Recovery Time
RL = 2kΩ, AV = -50
7
μs
NOISE PERFORMANCE
Input Voltage Noise (en)
f = 1kHz
30
nV/ z
Η


Similar Part No. - SGM8931

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - SGM8931

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461 Datasheet
75Kb / 10P
   OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8932 SGMICRO-SGM8932 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_15 Datasheet
483Kb / 11P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
   Output rail-to-rail micropower operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com