Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT16373CT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT16373CT
Description  FAST CMOS 16-BIT TRANSPARENT LATCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT16373CT Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT16373CT Datasheet HTML 1Page - Integrated Device Technology IDT74FCT16373CT Datasheet HTML 2Page - Integrated Device Technology IDT74FCT16373CT Datasheet HTML 3Page - Integrated Device Technology IDT74FCT16373CT Datasheet HTML 4Page - Integrated Device Technology IDT74FCT16373CT Datasheet HTML 5Page - Integrated Device Technology IDT74FCT16373CT Datasheet HTML 6Page - Integrated Device Technology IDT74FCT16373CT Datasheet HTML 7Page - Integrated Device Technology IDT74FCT16373CT Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1996
©1996 Integrated Device Technology, Inc.
5.7
DSC-4229/9
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Integrated Device Technology, Inc.
DESCRIPTION:
The FCT16373T/AT/CT/ET and FCT162373T/AT/CT/ET
16-bit transparent D-type latches are built using advanced
dual metal CMOS technology. These high-speed, low-power
latches are ideal for temporary storage of data. They can be
used for implementing memory address latches, I/O ports,
and bus drivers. The Output Enable and Latch Enable controls
are organized to operate each device as two 8-bit latches, or
one 16-bit latch. Flow-through organization of signal pins
simplifies layout. All inputs are designed with hysteresis for
improved noise margin.
The FCT16373T/AT/CT/ET are ideally suited for driving
high-capacitance loads and low-impedance backplanes. The
output buffers are designed with power off disable capability
to allow "live insertion" of boards when used as backplane
drivers.
The FCT162373T/AT/CT/ET have balanced output drive
with current limiting resistors. This offers low ground bounce,
minimal undershoot, and controlled output fall times– reduc-
ing the need for external series terminating resistors. The
FCT162373T/AT/CT/ET are plug-in replacements for the
FCT16373T/AT/CT/ET and ABT16373 for on-board interface
applications.
FAST CMOS 16-BIT
TRANSPARENT
LATCHES
IDT54/74FCT16373T/AT/CT/ET
IDT54/74FCT162373T/AT/CT/ET
FUNCTIONAL BLOCK DIAGRAM
1
OE
1
LE
1
O1
1
D1
2543 drw 01
TO 7 OTHER CHANNELS
C
D
2
O1
2
OE
2
LE
2
D1
2543 drw 02
TO 7 OTHER CHANNELS
C
D
FEATURES:
• Common features:
0.5 MICRON CMOS Technology
High-speed, low-power CMOS replacement for
ABT functions
Typical tSK(o) (Output Skew) < 250ps
Low input and output leakage
≤1µA (max.)
ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
Packages include 25 mil pitch SSOP, 19.6 mil pitch
TSSOP,15.7 mil pitch TVSOP and 25 mil pitch Cerpack
Extended commercial range of -40
°C to +85°C
–VCC = 5V
±10%
• Features for FCT16373T/AT/CT/ET:
High drive outputs (-32mA IOH, 64mA IOL)
Power off disable outputs permit “live insertion”
Typical VOLP (Output Ground Bounce) < 1.0V at
VCC = 5V, TA = 25
°C
• Features for FCT162373T/AT/CT/ET:
Balanced Output Drivers:
±24mA (commercial),
±16mA (military)
Reduced system switching noise
Typical VOLP (Output Ground Bounce) < 0.6V at
VCC = 5V,TA = 25
°C


Similar Part No. - IDT74FCT16373CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16373CT IDT-IDT74FCT16373CT Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT16373CT RENESAS-IDT74FCT16373CT Datasheet
250Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
JULY 2017
More results

Similar Description - IDT74FCT16373CT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT373 IDT-IDT74FCT373 Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT373T IDT-IDT74FCT373T Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
   Fast CMOS Octal Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT162373AT IDT-IDT74FCT162373AT_15 Datasheet
107Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT16373AT RENESAS-IDT74FCT16373AT Datasheet
250Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
JULY 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com