Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8924A Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM8924A
Description  Operational Amplifier with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8924A Datasheet(HTML) 6 Page - SG Micro Corp

  SGM8924A Datasheet HTML 1Page - SG Micro Corp SGM8924A Datasheet HTML 2Page - SG Micro Corp SGM8924A Datasheet HTML 3Page - SG Micro Corp SGM8924A Datasheet HTML 4Page - SG Micro Corp SGM8924A Datasheet HTML 5Page - SG Micro Corp SGM8924A Datasheet HTML 6Page - SG Micro Corp SGM8924A Datasheet HTML 7Page - SG Micro Corp SGM8924A Datasheet HTML 8Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9MHz, Dual Rail-to-Rail Output
SGM8924
Operational Amplifier with Shutdown
6
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
MSOP-10
b
E1
E
e
D
A1
L
c
A
A2
θ
4.8
0.5
0.3
1.02
RECOMMENDED LAND PATTERN (Unit: mm)
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
MIN
MAX
MIN
MAX
A
0.820
1.100
0.032
0.043
A1
0.020
0.150
0.001
0.006
A2
0.750
0.950
0.030
0.037
b
0.180
0.280
0.007
0.011
c
0.090
0.230
0.004
0.009
D
2.900
3.100
0.114
0.122
E
2.900
3.100
0.114
0.122
E1
4.750
5.050
0.187
0.199
e
0.500 BSC
0.020 BSC
L
0.400
0.800
0.016
0.031
θ


Similar Part No. - SGM8924A

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
SGM8922 SGMICRO-SGM8922 Datasheet
328Kb / 10P
   Output Operational Amplifier
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
   Output Operational Amplifier
SGM8922A SGMICRO-SGM8922A Datasheet
328Kb / 10P
   Output Operational Amplifier
SGM8922AXS8/TR SGMICRO-SGM8922AXS8/TR Datasheet
328Kb / 10P
   Output Operational Amplifier
More results

Similar Description - SGM8924A

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
   Operational Amplifier with Shutdown
logo
Texas Instruments
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
California Micro Device...
CMV1016 CALMIRCO-CMV1016 Datasheet
353Kb / 12P
   MICROPOWER PRO OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Texas Instruments
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
California Micro Device...
CMV1026 CALMIRCO-CMV1026 Datasheet
344Kb / 12P
   MICROPOWER PRO OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com