Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72815LB20PF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72815LB20PF
Description  CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72815LB20PF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72815LB20PF Datasheet HTML 6Page - Integrated Device Technology IDT72815LB20PF Datasheet HTML 7Page - Integrated Device Technology IDT72815LB20PF Datasheet HTML 8Page - Integrated Device Technology IDT72815LB20PF Datasheet HTML 9Page - Integrated Device Technology IDT72815LB20PF Datasheet HTML 10Page - Integrated Device Technology IDT72815LB20PF Datasheet HTML 11Page - Integrated Device Technology IDT72815LB20PF Datasheet HTML 12Page - Integrated Device Technology IDT72815LB20PF Datasheet HTML 13Page - Integrated Device Technology IDT72815LB20PF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72805LB/72815LB/72825LB/72835LB/72845LB CMOS Dual SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
10
Figure 2. Writing to Offset Registers
LD
WEN
WCLK
Selection
0
0
Writing to offset registers:
Empty Offset
Full Offset
0
1
No Operation
1
0
Write Into FIFO
1
1
No Operation
Figure 3. Offset Register Location and Default Values
NOTE:
1.
The same selection sequence applies to reading from the registers.
REN is enabled and
read is performed on the LOW-to-HIGH transition of RCLK.
NOTE:
1. Any bits of the offset register not being programmed should be set to zero.
SIGNAL DESCRIPTIONS:
INPUTS:
DATA IN (D0 - D17)
Data inputs for 18-bit wide data.
CONTROLS:
RESET (
RSA/RSB)
Reset is accomplished whenever the Reset (
RSA/RSB) input is taken to
a LOW state. During reset, both internal read and write pointers are set to
the first location. A reset is required after power-up before a write operation
can take place. The Half-Full flag (
HFA/HFB) and Programmable Almost-
Full flag (
PAFA/PAFB) will be reset to HIGH after tRSF. The Programmable
Almost-Empty flag (
PAEA/PAEB) will be reset to LOW after tRSF. The Full
Flag (
FFA/FFB) will reset to HIGH. The Empty Flag (EFA/EFB) will reset to
LOW in IDT Standard mode but will reset to HIGH in FWFT mode. During
reset, the output register is initialized to all zeros and the offset registers are
initialized to their default values.
WRITE CLOCK (WCLKA/WCLKB)
A write cycle is initiated on the LOW-to-HIGH transition of the Write
Clock (WCLKA/WCLKB). Data setup and hold times must be met with
respect to the LOW-to-HIGH transition of WCLK.
The Write and Read Clocks can be asynchronous or coincident.
WRITE ENABLE (
WENA/WENB)
When the
WENA/WENB input is LOW, data may be loaded into the FIFO
RAM array on the rising edge of every WCLK cycle if the device is not full.
Data is stored in the RAM array sequentially and independently of any
ongoing read operation.
When
WEN is HIGH, no new data is written in the RAM array on each
WCLK cycle.
To prevent data overflow in the IDT Standard Mode,
FF will go LOW,
inhibiting further write operations. Upon the completion of a valid read cycle,
FF will go HIGH allowing a write to occur. The FFflag is updated on the rising
edge of WCLK.
To prevent data overflow in the FWFT mode, Input Ready (
IRA,IRB) will
go HIGH, inhibiting further write operations. Upon the completion of a valid
read cycle,
IR will go LOW allowing a write to occur. The IR flag is updated
on the rising edge of WCLK.
WEN is ignored when the FIFO is full in either FWFT or IDT Standard
mode.
READ CLOCK (RCLKA/RCLKB)
Data can be read on the outputs on the LOW-to-HIGH transition of the
Read clock (RCLKA/RCLKB), when Output Enable (
OEA/OEB) is set LOW.
The Write and Read Clocks can be asynchronous or coincident.
READ ENABLE (
RENA/RENB)
When Read Enable (
RENA/RENB) is LOW, data is loaded from the RAM
array into the output register on the rising edge of every RCLK cycle if the
device is not empty.
When the
REN input is HIGH, the output register holds the previous data
and no new data is loaded into the output register. The data outputs Q0-Qn
maintain the previous data value.
In the IDT Standard mode, every word accessed at Qn, including the first
word written to an empty FIFO, must be requested using
REN. When the
last word has been read from the FIFO, the Empty Flag (
EFA/EFB) will go
LOW, inhibiting further read operations.
REN is ignored when the FIFO is
empty. Once a write is performed,
EF will go HIGH allowing a read to occur.
The
EF flag is updated on the rising edge of RCLK.
In the FWFT mode, the first word written to an empty FIFO automatically
goes to the outputs Qn, on the third valid LOW to HIGH transition of RCLK
+ tSKEW after the first write.
RENdoes not need to be asserted LOW. In order
to access all other words, a read must be executed using
REN. The RCLK
LOW to HIGH transition after the last word has been read from the FIFO,
Output Ready (
ORA/ORB) will go HIGH with a true read (RCLK with REN
= LOW), inhibiting further read operations.
REN is ignored when the FIFO
is empty.
OUTPUT ENABLE (
OEA/OEB)
When Output Enable (
OEA/OEB) is enabled (LOW), the parallel output
buffers receive data from the output register. When
OE is disabled (HIGH),
the Q output data bus is in a high-impedance state.
LOAD (
LDA/LDB)
The IDT72805LB/72815LB/72825LB/72835LB/72845LB devices con-
tain two 12-bit offset registers with data on the inputs, or read on the outputs.
When the Load (
LDA/LDB) pin is set LOW and WEN is set LOW, data on
the inputs D0-D11 is written into the Empty Offset register on the first LOW-
to-HIGH transition of the Write clock (WCLK). When the
LD pin and WEN
are held LOW then data is written into the Full Offset register on the second
LOW-to-HIGH transition of WCLK. The third transition of WCLK again writes
to the Empty Offset register.
However, writing all offset registers does not have to occur at one time.
One or two offset registers can be written and then by bringing the
LD pin
HIGH, the FIFO is returned to normal read/write operation. When the
LD pin
is set LOW, and
WEN is LOW, the next offset register in sequence is written.
EMPTY OFFSET REGISTER
17
11
0
FULL OFFSET REGISTER
17
11
0
DEFAULT VALUE
001FH (72805) 003FH (72815):
007FH (72825/72835/72845)
DEFAULT VALUE
001FH (72805) 003FH (72815):
007FH (72825/72835/72845)
3139 drw 04


Similar Part No. - IDT72815LB20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72815LB IDT-IDT72815LB Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72815LB RENESAS-IDT72815LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
More results

Similar Description - IDT72815LB20PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com