Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT162344ATPF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT162344ATPF
Description  FAST CMOS ADDRESS/ CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT162344ATPF Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT162344ATPF Datasheet HTML 1Page - Integrated Device Technology IDT54FCT162344ATPF Datasheet HTML 2Page - Integrated Device Technology IDT54FCT162344ATPF Datasheet HTML 3Page - Integrated Device Technology IDT54FCT162344ATPF Datasheet HTML 4Page - Integrated Device Technology IDT54FCT162344ATPF Datasheet HTML 5Page - Integrated Device Technology IDT54FCT162344ATPF Datasheet HTML 6Page - Integrated Device Technology IDT54FCT162344ATPF Datasheet HTML 7Page - Integrated Device Technology IDT54FCT162344ATPF Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1996
©1996 Integrated Device Technology, Inc.
5.6
DSC-3069/3
Integrated Device Technology, Inc.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
1
IDT54/74FCT162344AT/CT/ET
DESCRIPTION:
FEATURES:
• 0.5 MICRON CMOS Technology
• Ideal for address line driving and clock distribution
• 8 banks with 1:4 fanout and 3-state
• Typical tSK(o) (Output Skew) < 500ps
• Balanced Output Drivers:
±24mA (commercial),
±16mA (military)
• Reduced system switching noise
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Packages include 25 mil pitch SSOP, 19.6 mil pitch TSSOP,
15.7 mil pitch TVSOP and 25 mil pitch Cerpack
• Extended commercial range of -40
°C to +85°C
•VCC = 5V
±10%
• Low input and output leakage
≤ 1µA (max.)
FAST CMOS ADDRESS/
CLOCK DRIVER
The FCT162344AT/CT/ET is a 1:4 address line driver built
using advanced dual metal CMOS technology. This high-
speed, low power device provides the ability to fanout to
memory arrays. Eight banks, each with a fanout of 4, and 3-
state control provide efficient address distribution. One or
more banks may be used for clock distribution.
The FCT162344AT/CT/ET has balanced output drive with
current limiting resistors. This offers low ground bounce,
minimal undershoot and controlled output fall times reducing
the need for external series terminating resistors.
A large number of power and ground pins and TTL output
swings also ensure reduced noise levels.
All inputs are
designed with hysteresis for improved noise margins.
OE1
A1
B11
B14
A2
B21
B24
OE2
A3
B31
B34
A4
B41
B44
OE4
A7
B71
B74
A8
B81
B84
OE3
A5
B51
B54
A6
B61
B64
3069 drw 01
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - IDT54FCT162344ATPF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT162373AT IDT-IDT54FCT162373AT Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT54FCT162373CT IDT-IDT54FCT162373CT Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT54FCT162373ET IDT-IDT54FCT162373ET Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT54FCT162373T IDT-IDT54FCT162373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT54FCT162374AT IDT-IDT54FCT162374AT Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
More results

Similar Description - IDT54FCT162344ATPF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163344 IDT-IDT74FCT163344 Datasheet
118Kb / 7P
   3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT163344A RENESAS-IDT74FCT163344A Datasheet
252Kb / 8P
   3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI49FCT807T PERICOM-PI49FCT807T Datasheet
316Kb / 6P
   Fast CMOS Clock Driver
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3807DQEX PERICOM-PI49FCT3807DQEX Datasheet
788Kb / 9P
   3.3V Fast CMOS Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT3807 PERICOM-PI49FCT3807_09 Datasheet
527Kb / 8P
   3.3V Fast CMOS Clock Driver
logo
Integrated Device Techn...
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com