Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8634 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM8634
Description  Rail-to-Rail I/O CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8634 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM8634_15 Datasheet HTML 1Page - SG Micro Corp SGM8634_15 Datasheet HTML 2Page - SG Micro Corp SGM8634_15 Datasheet HTML 3Page - SG Micro Corp SGM8634_15 Datasheet HTML 4Page - SG Micro Corp SGM8634_15 Datasheet HTML 5Page - SG Micro Corp SGM8634_15 Datasheet HTML 6Page - SG Micro Corp SGM8634_15 Datasheet HTML 7Page - SG Micro Corp SGM8634_15 Datasheet HTML 8Page - SG Micro Corp SGM8634_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
470μA, 6MHz, Rail-to-Rail I/O
SGM8631/2/3/4
CMOS Operational Amplifiers
4
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS: VS = +5V
(At TA = +25
℃, VCM = VS/2, RL= 600Ω, unless otherwise noted.)
SGM8631/2/3/4
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITIONS
+25
+25
0
℃ to
70
-40
℃ to
85
-40
℃ to
125
UNITS
MIN/
MAX
INPUT CHARACTERISTICS
Input Offset Voltage (VOS)
0.8
3.5
3.9
4.3
4.6
mV
MAX
Input Bias Current (IB)
1
pA
TYP
Input Offset Current (IOS)
1
pA
TYP
Input Common Mode Voltage Range (VCM)
VS = 5.5V
-0.1 to
+5.6
V
TYP
Common Mode Rejection Ratio (CMRR)
VS = 5.5V, VCM = -0.1V to 4V
VS = 5.5V, VCM = -0.1V to 5.6V
90
83
73
70
70
65
dB
dB
MIN
MIN
Open-Loop Voltage Gain (AOL)
RL = 600Ω,VO = 0.15V to 4.85V
RL = 10kΩ ,VO = 0.05V to 4.95V
97
108
90
87
86
79
dB
dB
MIN
MIN
Input Offset Voltage Drift (ΔVOST)
2.4
μV/
TYP
OUTPUT CHARACTERISTICS
RL = 600Ω
0.1
V
TYP
Output Voltage Swing from Rail
RL = 10kΩ
0.015
V
TYP
Output Current (IOUT)
53
49
45
40
35
mA
MIN
Closed-Loop Output Impedance
f = 200kHz, G = 1
3
TYP
POWER-DOWN DISABLE
Turn-On Time
4
μs
TYP
Turn-Off Time
1.2
μs
TYP
DISABLE Voltage-Off
0.8
V
MAX
DISABLE Voltage-On
2
V
MIN
POWER SUPPLY
Operating Voltage Range
2.5
5.5
2.5
5.5
2.5
5.5
2.5
5.5
V
V
MIN
MAX
Power Supply Rejection Ratio (PSRR)
VS = +2.5V to +5.5V
VCM = (-VS) + 0.5V
91
74
72
72
68
dB
MIN
Quiescent Current/Amplifier (IQ)
IOUT = 0
470
650
727
750
815
μA
MAX
Supply Current when Disabled
(SGM8633 Only)
90
nA
MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
RL = 10kΩ
6
MHz
TYP
Phase Margin (φO)
60
degrees
TYP
Full Power Bandwidth (BWP)
<1% distortion, RL = 600Ω
250
kHz
TYP
Slew Rate (SR)
G = +1, 2V Step, RL = 10kΩ
3.7
V/μs
TYP
Settling Time to 0.1% (tS)
G = +1, 2V Step, RL = 600Ω
2.1
μs
TYP
Overload Recovery Time
VIN ·Gain = VS, RL = 600Ω
0.9
μs
TYP
NOISE PERFORMANCE
Voltage Noise Density (en)
f = 1kHz
12
nV/ Hz
TYP
Current Noise Density (in)
f = 1kHz
3
fA/ Hz
TYP


Similar Part No. - SGM8634_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8634XS SGMICRO-SGM8634XS Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8634XS/TR SGMICRO-SGM8634XS/TR Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8634XTS SGMICRO-SGM8634XTS Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM8634_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com