Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8634 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM8634
Description  Rail-to-Rail I/O CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8634 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM8634 Datasheet HTML 1Page - SG Micro Corp SGM8634 Datasheet HTML 2Page - SG Micro Corp SGM8634 Datasheet HTML 3Page - SG Micro Corp SGM8634 Datasheet HTML 4Page - SG Micro Corp SGM8634 Datasheet HTML 5Page - SG Micro Corp SGM8634 Datasheet HTML 6Page - SG Micro Corp SGM8634 Datasheet HTML 7Page - SG Micro Corp SGM8634 Datasheet HTML 8Page - SG Micro Corp SGM8634 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SGM8631/2/3/4
470μA, 6MHz, Rail-to-Rail I/O
CMOS Operational Amplifiers
PRODUCT DESCRIPTION
The SGM8631 (single), SGM8632 (dual), SGM8633 (single
with shutdown) and SGM8634 (quad) are low noise, low
voltage, and low power operational amplifiers, that can
be designed into a wide range of applications. The
SGM8631/2/3/4 have a high gain-bandwidth product of
6MHz, a slew rate of 3.7V/μs, and a quiescent current of
470μA/amplifier at 5V. The SGM8633 has a power-down
disable feature that reduces the supply current to 90nA.
The SGM8631/2/3/4 are designed to provide optimal
performance in low voltage and low noise systems. They
provide rail-to-rail output swing into heavy loads. The
input common mode voltage range includes ground, and
the maximum input offset voltage are 3.5mV for
SGM8631/2/3/4. They are specified over the extended
industrial temperature range (-40
℃ to +125℃). The
operating range is from 2.5V to 5.5V.
The SGM8631 single is available in Green SC70-5,
SOT-23-5 and SOIC-8 packages. The SGM8632 dual is
available in Green SOIC-8 and MSOP-8 packages. The
SGM8633 single with shutdown is available in Green
SOT-23-6 and SOIC-8 packages. The SGM8634 quad is
available in Green TSSOP-14 and SOIC-14 packages.
FEATURES
Low Cost
Rail-to-Rail Input and Output
0.8mV Typical VOS
High Gain-Bandwidth Product: 6MHz
High Slew Rate: 3.7V/μs
Settling Time to 0.1% with 2V Step: 2.1μs
Overload Recovery Time: 0.9μs
Low Noise: 12nV/ Hz
Supply Voltage Range: 2.5V to 5.5V
Input Voltage Range: -0.1V to +5.6V with VS = 5.5V
Low Supply Current
470μA/Amplifier (TYP)
90nA Shutdown Current for SGM8633
Small Packaging
SGM8631 Available in SC70-5, SOT-23-5 and
SOIC-8
SGM8632 Available in MSOP-8 and SOIC-8
SGM8633 Available in SOT-23-6 and SOIC-8
SGM8634 Available in TSSOP-14 and SOIC-14
APPLICATIONS
Sensors
Audio
Active Filters
A/D Converters
Communications
Test Equipment
Cellular and Cordless Phones
Laptops and PDAs
Photodiode Amplification
Battery-Powered Instrumentation
REV. C
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM8634

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8634XS SGMICRO-SGM8634XS Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8634XS/TR SGMICRO-SGM8634XS/TR Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8634XTS SGMICRO-SGM8634XTS Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results

Similar Description - SGM8634

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com