Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT138SO Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT138SO
Description  FAST CMOS 1-OF-8 DECODER WITH ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT138SO Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT138SO Datasheet HTML 1Page - Integrated Device Technology IDT74FCT138SO Datasheet HTML 2Page - Integrated Device Technology IDT74FCT138SO Datasheet HTML 3Page - Integrated Device Technology IDT74FCT138SO Datasheet HTML 4Page - Integrated Device Technology IDT74FCT138SO Datasheet HTML 5Page - Integrated Device Technology IDT74FCT138SO Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7.3
2
IDT54/74FCT138/A/C
FAST CMOS 1-OF-8 DECODER-WITH ENABLE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN DESCRIPTION
Pin Names
Description
A0–A2
Address Inputs
E1, E2
Enable Inputs (Active LOW)
E3
Enable Input (Active HIGH)
O0–O7
Outputs (Active LOW)
2581 tbl 05
FUNCTION TABLE
Inputs
Outputs
EE1
EE2
E3
A0
A1
A2
O
O0
O
O1
O2
O
O3
O
O4
O
O5
O
O6
O
O7
H
X
X
X
X
X
H
H
H
HHH
HH
X
H
X
X
X
X
H
H
H
HHH
HH
X
X
L
X
X
X
H
H
H
HHH
HH
L
L
H
L
L
L
L
H
H
HHH
HH
L
L
HH
L
L
H
L
H
HHH
HH
L
L
H
L
H
L
H
H
L
HHH
HH
L
L
HH
H
L
H
H
H
L
HH
HH
L
L
HL
LH
H
H
H
H
LH
H
H
L
L
HH
L
H
H
H
H
H
H
L
HH
L
L
H
L
HH
H
H
H
HHH
L
H
L
L
HH
HH
H
H
H
HHH
H
L
2581 tbl 06
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
(2) Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
VTERM
(3) Terminal Voltage
–0.5 to VCC
–0.5 to VCC
V
with Respect
to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output Current
120
120
mA
NOTES:
2581 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage
may exceed VCC by +0.5V unless otherwise noted.
2. Inputs and VCC terminals only.
3. Outputs and I/O terminals only.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Typ. Max. Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance VOUT = 0V
8
12
pF
NOTE:
2581 tbl 02
1. This parameter is guaranteed characterization data and not tested.


Similar Part No. - IDT74FCT138SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT138AT IDT-IDT74FCT138AT Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138ATD IDT-IDT74FCT138ATD Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138ATDB IDT-IDT74FCT138ATDB Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138ATE IDT-IDT74FCT138ATE Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138ATEB IDT-IDT74FCT138ATEB Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
More results

Similar Description - IDT74FCT138SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT138T IDT-IDT74FCT138T Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT139 IDT-IDT74FCT139 Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139T IDT-IDT74FCT139T Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
logo
Pericom Semiconductor C...
PI74FCT138T PERICOM-PI74FCT138T Datasheet
55Kb / 6P
   Fast CMOS 1-of-8 Decoder
logo
Cypress Semiconductor
CY54FCT138T CYPRESS-CY54FCT138T Datasheet
155Kb / 6P
   1-of-8 Decoder
logo
Texas Instruments
CY5474FCT138T TI-CY5474FCT138T Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
logo
Intersil Corporation
CDP1853C INTERSIL-CDP1853C Datasheet
35Kb / 7P
   High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com