Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72404L15D Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72404L15D
Description  CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72404L15D Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72404L15D Datasheet HTML 1Page - Integrated Device Technology IDT72404L15D Datasheet HTML 2Page - Integrated Device Technology IDT72404L15D Datasheet HTML 3Page - Integrated Device Technology IDT72404L15D Datasheet HTML 4Page - Integrated Device Technology IDT72404L15D Datasheet HTML 5Page - Integrated Device Technology IDT72404L15D Datasheet HTML 6Page - Integrated Device Technology IDT72404L15D Datasheet HTML 7Page - Integrated Device Technology IDT72404L15D Datasheet HTML 8Page - Integrated Device Technology IDT72404L15D Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IDT72401, IDT72402, IDT72403, IDT72404
CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.01
3
OPERATING CONDITIONS
(Commercial: VCC = 5.0V
± 10%, TA = 0°C to +70°C; Military: VCC = 5.0V ± 10%, TA = –55°C to +125°C)
Commercial
Military and Commercial
IDT72401L45
IDT72401L35
IDT72401L25
IDT72401L15
IDT72401L10
IDT72402L45
IDT72402L35
IDT72402L25
IDT72402L15
IDT72402L10
IDT72403L45
IDT72403L35
IDT72403L25
IDT72403L15
IDT72403L10
IDT72404L45
IDT72404L35
IDT72404L25
IDT72404L15
IDT72404L10
Symbol
Parameters
FIgure
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tSIH
(1)
Shift in HIGH Time
2
9
9
11
11
11
ns
tSIL
Shift in LOW TIme
2
11
17
24
25
30
ns
tIDS
Input Data Set-up
2
0
0
0
0
0
ns
tIDH
Input Data Hold Time
2
13
15
20
30
40
ns
tSOH
(1)
Shift Out HIGH Time
5
9
9
11
11
11
ns
tSOL
Shift Out LOW Time
5
11
17
24
25
25
ns
tMRW
Master Reset Pulse
8
20
25
25
25
30
ns
tMRS
Master Reset Pulse to SI
8
10
10
10
25
35
ns
tSIR
Data Set-up to IR
4
3
3
5
5
5
ns
tHIR
Data Hold from IR
4
13
15
20
30
30
ns
tSOR
(4)
Data Set-up to OR HIGH
7
0
0
0
0
0
ns
2747 tbl 05
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5.0V
± 10%, TA = 0°C to +70°C; Military: VCC = 5.0V ± 10%, TA = –55°C to +125°C)
Commercial
Military and Commercial
IDT72401L45
IDT72401L35
IDT72401L25
IDT72401L15
IDT72401L10
IDT72402L45
IDT72402L35
IDT72402L25
IDT72402L15
IDT72402L10
IDT72403L45
IDT72403L35
IDT72403L25
IDT72403L15
IDT72403L10
IDT72404L45
IDT72404L35
IDT72404L25
IDT72404L15
IDT72404L10
Symbol
Parameters
FIgure
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tIN
Shift In Rate
2
45
35
25
15
10
MHz
tIRL
(1)
Shift In to Input Ready LOW
2
18
18
21
35
40
ns
tIRH
(1)
Shift In to Input Ready HIGH
2
18
20
28
40
45
ns
tOUT
Shift Out Rate
5
45
35
25
15
10
MHz
tORL
(1)
Shift Out to Output Ready LOW
5
18
18
19
35
40
ns
tORH
(1)
Shift Out to Output Ready HIGH
5
19
20
34
40
55
ns
tODH
Output Data Hold (Previous Word)
5
5
5
5
5
5
ns
tODS
Output Data Shift (Next Word)
5
19
20
34
40
55
ns
tPT
Data Throughput or "Fall-Through"
4, 7
30
34
40
65
65
ns
tMRORL
Master Reset to OR LOW
8
25
28
35
35
40
ns
tMRIRH
Master Reset to IR HIGH
8
25
28
35
35
40
ns
tMRQ
Master Reset to Data Output LOW
8
20
20
25
35
40
ns
tOOE
(3)
Output Valid from OE LOW
9
12
15
20
30
35
ns
tHZOE
(3,4)
Output High-Z from OE HIGH
9
12
12
15
25
30
ns
tIPH
(2,4)
Input Ready Pulse HIGH
4
9
9
11
11
11
ns
tOPH
(2,4)
Ouput Ready Pulse HIGH
7
9
9
11
11
11
ns
NOTES:
2747 tbl 06
1. Since the FIFO is a very high-speed device, care must be excercised in the design of the hardware and timing utilized within the design. Device grounding
and decoupling are crucial to correct operation as the FIFO will respond to very small glitches due to long reflective lines, high capacitances and/or poor
supply decoupling and grounding. A monolithic ceramic capacitor of 0.1
µF directly between VCC and GND with very short lead length is recommended.
2. This parameter applies to FIFOs communicating with each other in a cascaded mode. IDT FIFOs are guaranteed to cascade with other IDT FIFOs of
like speed grades.
3. IDT72403 and IDT72404 only.
4. Guaranteed by design but not currently tested.


Similar Part No. - IDT72404L15D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Renesas Technology Corp
IDT72401 RENESAS-IDT72401 Datasheet
320Kb / 10P
   CMOS PARALLEL FIFO
JUNE 2012
logo
Integrated Device Techn...
IDT72401L10D IDT-IDT72401L10D Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401L10DB IDT-IDT72401L10DB Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401L10P IDT-IDT72401L10P Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
More results

Similar Description - IDT72404L15D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com