Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72420L50TP Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72420L50TP
Description  CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72420L50TP Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72420L50TP Datasheet HTML 1Page - Integrated Device Technology IDT72420L50TP Datasheet HTML 2Page - Integrated Device Technology IDT72420L50TP Datasheet HTML 3Page - Integrated Device Technology IDT72420L50TP Datasheet HTML 4Page - Integrated Device Technology IDT72420L50TP Datasheet HTML 5Page - Integrated Device Technology IDT72420L50TP Datasheet HTML 6Page - Integrated Device Technology IDT72420L50TP Datasheet HTML 7Page - Integrated Device Technology IDT72420L50TP Datasheet HTML 8Page - Integrated Device Technology IDT72420L50TP Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
5.12
3
IDT72420/72200/72210/72220/72230/72240 CMOS SyncFIFO
64 X 8, 256 X 8, 512 X 8, 1024 X 8, 2048 X 8 and 4096 X 8
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Symbol
Rating
Commercial
Military
Unit
VTERM
Terminal Voltage –0.5 to + 7.0 –0.5 to + 7.0
V
with Respect to
GND
TA
Operating
0 to + 70
–55 to + 125
°C
Temperature
TBIAS
Temperature
–55 to + 125 –65 to + 135
°C
Under Bias
TSTG
Storage
–55 to + 125 –65 to + 135
°C
Temperature
IOUT
DC Output
50
50
mA
Current
ABSOLUTE MAXIMUM RATINGS(1)
2680 tbl 02
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
10
pF
COUT
Output Capacitance
VOUT = 0V
10
pF
(1, 2)
(2)
CAPACITANCE (TA = +25
°C, f = 1.0 MHz)
2680 tbl 04
2680 tbl 03
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
IDT72420
IDT72420
IDT72200
IDT72200
IDT72210
IDT72210
Commercial
Military
tCLK = 12, 15, 20, 25, 35, 50 ns
tCLK = 20, 25,35, 50 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
ILI
(1)
Input Leakage Current (any input)
–1
1
–10
10
µA
ILO
(2)
Output Leakage Current
–10
10
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
0.4
V
ICC1
(3)
Active Power Supply Current
80
100
mA
IDT72220
IDT72220
IDT72230
IDT72230
IDT72240
IDT72240
Commercial
Military
tCLK = 15, 20, 25, 35, 50 ns
tCLK = 25, 35, 50 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
ILI
(1)
Input Leakage Current (any input)
–1
1
–10
10
µA
ILO
(2)
Output Leakage Current
–10
10
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
0.4
V
ICC1
(4)
Active Power Supply Current
80
100
mA
NOTES:
1. Measurements with 0.4
≤ VIN ≤ VCC.
2.
OE ≥ VIH, 0.4 ≤ VOUT ≤ VCC.
3 & 4.
Measurements are made with outputs unloaded. Tested at fCLK = 20 MHZ.
(3) Typical ICC1 = 30 + (fCLK*0.5/MHz) + (fCLK*CL*0.02/MHz-pF) mA
(4) Typical ICC1 = 32 + (fCLK*0.6/MHz) + (fCLK*CL*0.02/MHz-pF) mA
fCLK = 1 / tCLK
CL = external capacitive load (30 pF typical)
2680 tbl 06
2680 tbl 05
NOTES:
1. With output deselected. (
OE = HIGH)
2. Characterized values, not currently tested.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCCM
Military Supply Voltage
4.5
5.0
5.5
V
VCCC
Commercial Supply
4.5
5.0
5.5
V
Voltage
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
V
Commercial
VIH
Input High Voltage
2.2
V
Military
VIL
Input Low Voltage
0.8
V
Commercial & Military


Similar Part No. - IDT72420L50TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420L10TPG IDT-IDT72420L10TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72420L15TPG IDT-IDT72420L15TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72420L25TPG IDT-IDT72420L25TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
More results

Similar Description - IDT72420L50TP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
   2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Intersil Corporation
HM-6642 INTERSIL-HM-6642 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com