Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ_5.0_188CA Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SMCJ_5.0_188CA
Description  Stand-off Voltage 5.0 to 188V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SMCJ_5.0_188CA Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SMCJ_5.0_188CA Datasheet HTML 1Page - Bruckewell Technology LTD SMCJ_5.0_188CA Datasheet HTML 2Page - Bruckewell Technology LTD SMCJ_5.0_188CA Datasheet HTML 3Page - Bruckewell Technology LTD SMCJ_5.0_188CA Datasheet HTML 4Page - Bruckewell Technology LTD SMCJ_5.0_188CA Datasheet HTML 5Page - Bruckewell Technology LTD SMCJ_5.0_188CA Datasheet HTML 6Page - Bruckewell Technology LTD SMCJ_5.0_188CA Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMCJ_5.0_188CA
Stand-off Voltage : 5.0 to 188V
Peak Pulse Power : 1500 W
Publication Order Number: [SMCJ_5.0_188CA]
© Bruckewell Technology Corporation Rev. A -2014
Features
• 15
00W peak pulse power capability with a 10/1000μs
waveform
• Excellent clamping capability
• Very response Time
• RoHS compliant package
Mechanical Data
• Case : SMC Molded plastic
• Epoxy : UL94V-O rate flame retardant
• Lead : Lead formed for Surface mount
• Polarity : Color band denotes cathode end
• Mounting position : Any
• Weight : 0.229 gram
Applications
• For Bi-directional use C or CA Suffix
• Electrical characteristics apply in both directions
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified
Symbol
Parameter
Value
Unit
PPPM
Peak Pulse Power Dissipation on 10/1000ms waveform
(1)(2) (Fig. 3)
Minimum 600
W
IPPM
Peak Pulse Current on 10/1000ms waveform
(1) (Fig. 5)
See Next Table
A
RθJA
Typical Thermal Resistance , Junction to Ambient
100
°C/W
TJ,Tstg
Operating Junction and Storage Temperature Range
-55 to +150
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25 °C per Fig. 1
(2) Mounted on 0.31 x 0.31" (8.0 x 8.0 mm) copper pads to each terminal.


Similar Part No. - SMCJ_5.0_188CA

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMCJ15 PACELEADER-SMCJ15 Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMCJ15 DCCOM-SMCJ15 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Jiangsu High diode Semi...
SMCJ15 HDSEMI-SMCJ15 Datasheet
1Mb / 7P
   SMC Plastic-Encapsulate Diodes
logo
Yangzhou yangjie electr...
SMCJ15 YANGJIE-SMCJ15 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ15 FORMOSA-SMCJ15 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ_5.0_188CA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
   Stand-off Voltage 5.0 to 188V
3.0SMCJ5.0_220A BWTECH-3.0SMCJ5.0_220A Datasheet
595Kb / 7P
   Stand-off Voltage : 5.0 to 220V
logo
List of Unclassifed Man...
L13ESD5V0CE2 ETC2-L13ESD5V0CE2 Datasheet
138Kb / 5P
   STAND-OFF VOLTAGE - 5.0 Volts
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
PMF SPSEMI-PMF Datasheet
397Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com