Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72521L40JB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72521L40JB
Description  PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72521L40JB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72521L40JB Datasheet HTML 7Page - Integrated Device Technology IDT72521L40JB Datasheet HTML 8Page - Integrated Device Technology IDT72521L40JB Datasheet HTML 9Page - Integrated Device Technology IDT72521L40JB Datasheet HTML 10Page - Integrated Device Technology IDT72521L40JB Datasheet HTML 11Page - Integrated Device Technology IDT72521L40JB Datasheet HTML 12Page - Integrated Device Technology IDT72521L40JB Datasheet HTML 13Page - Integrated Device Technology IDT72521L40JB Datasheet HTML 14Page - Integrated Device Technology IDT72521L40JB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
IDT72511/IDT72521
BIDIRECTIONAL FIRST-IN FIRST-OUT MEMORY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.32
11
Bit
Function
0
Select Port B Interface
0
Pins are
RB and WB (Intel-style interface)
RB and WB or DSB and R/WB
1
Pins are
DSB and R/WB (Motorola-style interface)
1
Unused
2
Full Flag Definition
0
Write pointer meets read pointer
1
Write pointer meets reread pointer
3
Empty Flag Definition
0
Read pointer meets write pointer
1
Read pointer meets rewrite pointer
4
REQ Pin Polarity
0
REQ pin active HIGH
1
REQ pin active LOW
5
ACK Pin Polarity
0
ACK pin active LOW
1
ACK pin active HIGH
7-6
REQ / ACK Timing
00
2 internal clocks between REQ assertion and ACK assertion
01
3 internal clocks between REQ assertion and ACK assertion
10
4 internal clocks between REQ assertion and ACK assertion
11
5 internal clocks between REQ assertion and ACK assertion
8
Port B Read & Write
0
RB, WB, and DSB are asserted for 1 internal clock
Timing Control for Peripheral Mode
1
RB, WB, and DSB are asserted for 2 internal clocks
9
Internal Clock
0
Internal clock = CLK
Frequency Control
1
Internal clock = CLK divided by 2
10
Port B Interface
0
Processor interface mode (Port B controls are inputs)
Mode Control
1
Peripheral interface mode (Port B controls are outputs)
11
Unused
12
Unused
13
Unused
14
Unused
15
Unused
CONFIGURATION REGISTER 5 FORMAT
15
6
5
4
3
2
1
0
Unused
PIO5
PIO4
PIO3
PIO2
PIO1
PIO0
2668 tbl 13
Figure 4. BiFIFO Configuration Register 6 Format for Programmable I/O Data
CONFIGURATION REGISTER 7 FORMAT
2668 tbl 14
Figure 5. BiFIFO Configuration Register 7 Format for Programmable I/O Direction Mask
Unused
MIO5
MIO4
MIO3
MIO2
MIO1
MIO0
15
6
5
4
3
2
1
0
2668 tbl 12
Table 10. BiFIFO Configuration Register 5 Format
CONFIGURATION REGISTER 6 FORMAT


Similar Part No. - IDT72521L40JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72520 IDT-IDT72520 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72520L25J IDT-IDT72520L25J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72520L35J IDT-IDT72520L35J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72520L50J IDT-IDT72520L50J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results

Similar Description - IDT72521L40JB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com