Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7025L25FB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7025L25FB
Description  HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7025L25FB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7025L25FB Datasheet HTML 3Page - Integrated Device Technology IDT7025L25FB Datasheet HTML 4Page - Integrated Device Technology IDT7025L25FB Datasheet HTML 5Page - Integrated Device Technology IDT7025L25FB Datasheet HTML 6Page - Integrated Device Technology IDT7025L25FB Datasheet HTML 7Page - Integrated Device Technology IDT7025L25FB Datasheet HTML 8Page - Integrated Device Technology IDT7025L25FB Datasheet HTML 9Page - Integrated Device Technology IDT7025L25FB Datasheet HTML 10Page - Integrated Device Technology IDT7025L25FB Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IDT7025S/L
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.16
7
IDT7025X35
IDT7025X55
IDT7025X70
Mil. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
35
55
70
ns
tAA
Address Access Time
35
55
70
ns
tACE
Chip Enable Access Time
(3)
—35—55
—70
ns
tABE
Byte Enable Access Time
(3)
—35—55
—70
ns
tAOE
Output Enable Access Time
20
30
35
ns
tOH
Output Hold from Address Change
3
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3—
3—
3—
ns
tHZ
Output High-Z Time
(1, 2)
—15—25
—30
ns
tPU
Chip Enable to Power Up Time
(1,2)
0—
0—
0—
ns
tPD
Chip Disable to Power Down Time
(1,2)
—35—50
—50
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)
15—15
—15—
ns
tSAA
Semaphore Address Access Time
(3)
—35—55
—70
ns
NOTES:
2683 tbl 13
1. Transition is measured
±500mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL, UB or LB = VIL, and SEM = VIH. To access semephore, CE = VIH or UB & LB = VIH, and SEM = VIL.
4. "X" in part numbers indicates power rating (S or L).
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(4)
IDT7025X15
IDT7025X17
IDT7025X20
IDT7025X25
Com'l. Only
Com'l. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
15
17
20
25
ns
tAA
Address Access Time
15
17
20
25
ns
tACE
Chip Enable Access Time
(3)
15
17
20
25
ns
tABE
Byte Enable Access Time
(3)
15
17
20
25
ns
tAOE
Output Enable Access Time
10
10
12
13
ns
tOH
Output Hold from Address Change
3
3
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3
3
3
3
ns
tHZ
Output High-Z Time
(1, 2)
10
10
12
15
ns
tPU
Chip Enable to Power Up Time
(1,2)
0
0
0
0
ns
tPD
Chip Disable to Power Down Time
(1,2)
15
17
20
25
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM) 10
10
10
10
ns
tSAA
Semaphore Address Access
(3)
15
17
20
25
ns
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns Max.
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
Figures 1 and 2
2683 tbl 12
Figure 1. AC Output Test Load
Figure 2. Output Test Load
( for tLZ, tHZ, tWZ, tOW)
* including scope and jig.
2683 drw 06
1250
30pF
775
5V
DATAOUT
BUSY
INT
1250
5pF
775
5V
DATAOUT


Similar Part No. - IDT7025L25FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7025L IDT-IDT7025L Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7025L25FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com