Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT139P Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT139P
Description  FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT139P Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT139P Datasheet HTML 1Page - Integrated Device Technology IDT74FCT139P Datasheet HTML 2Page - Integrated Device Technology IDT74FCT139P Datasheet HTML 3Page - Integrated Device Technology IDT74FCT139P Datasheet HTML 4Page - Integrated Device Technology IDT74FCT139P Datasheet HTML 5Page - Integrated Device Technology IDT74FCT139P Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7.4
1
IDT54/74FCT139/A/C
FAST CMOS DUAL 1-0F-4 DECODER WITH ENABLE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Integrated Device Technology, Inc.
®
FEATURES:
• IDT54/74FCT139 equivalent to FAST
™ speed
• IDT54/74FCT139A 35% faster than FAST
• IDT54/74FCT139C 45% faster than FAST
• Equivalent to FAST output drive over full temperature
and voltage supply extremes
•IOL = 48mA (commercial) and 32mA (military)
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than FAST
(5
µA max.)
• JEDEC standard pinout for DIP and LCC
• Product available in Radiation Tolerant and Radiation
Enhanced versions
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT54/74FCT139/A/C are dual 1-of-4 decoders built
using an advanced dual metal CMOS technology. These
devices have two independent decoders, each of which
accept two binary weighted inputs (A0-A1) and provide four
mutually exclusive active LOW outputs (
O0-O3). Each de-
coder has an active LOW enable (
E). When E is HIGH, all
outputs are forced HIGH.
IDT54/74FCT139
IDT54/74FCT139A
IDT54/74FCT139C
FAST CMOS DUAL
1-OF-4 DECODER
WITH ENABLE
FUNCTIONAL BLOCK DIAGRAM
2605 cnv* 01
2605 cnv* 02
Ea
A0a
A1a
O0a
O1a
O2a
O3a
Eb
A0b
A1b
O0b
O1b
O2b
O3b
2605 cnv* 03
PIN CONFIGURATIONS
GND
Ea
Eb
O3b
VCC
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
P16-1
D16-1
SO16-1
&
E16-1
INDEX
A1a
A1b
3
2
20 19
1
4
5
6
7
8
18
17
16
15
14
9 1011 1213
L20-2
A0a
A1a
O0a
O1a
O2a
O3a
A0b
A1b
O0b
O1b
O2b
O0a
NC
O1a
O2a
A0b
NC
O0b
O1b
DIP/SOIC/CERPACK
TOP VIEW
LCC
TOP VIEW
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1992
©1992 Integrated Device Technology, Inc.
7.4
DSC 4613/3
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST is a trademark of National Semiconductor Co.


Similar Part No. - IDT74FCT139P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT139AT IDT-IDT74FCT139AT Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATD IDT-IDT74FCT139ATD Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATDB IDT-IDT74FCT139ATDB Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATE IDT-IDT74FCT139ATE Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139ATEB IDT-IDT74FCT139ATEB Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
More results

Similar Description - IDT74FCT139P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT139T IDT-IDT74FCT139T Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT138 IDT-IDT74FCT138 Datasheet
65Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138T IDT-IDT74FCT138T Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
logo
Pericom Semiconductor C...
PI74FCT138T PERICOM-PI74FCT138T Datasheet
55Kb / 6P
   Fast CMOS 1-of-8 Decoder
logo
ON Semiconductor
SN74LS155 ONSEMI-SN74LS155 Datasheet
135Kb / 4P
   DUAL 1-OF-4 DECODER
June, 2006 ??Rev. 7
logo
National Semiconductor ...
9321 NSC-9321 Datasheet
124Kb / 6P
   DUAL 1-OF-4 DECODER
93L21 NSC-93L21 Datasheet
74Kb / 3P
   DUAL 1-OF-4 DECODER
logo
Texas Instruments
CD4555BPWRG4 TI1-CD4555BPWRG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555B TI-CD4555B Datasheet
267Kb / 13P
[Old version datasheet]   CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
CD4555B TI1-CD4555B_15 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com