Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72521L40GB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72521L40GB
Description  PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72521L40GB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72521L40GB Datasheet HTML 2Page - Integrated Device Technology IDT72521L40GB Datasheet HTML 3Page - Integrated Device Technology IDT72521L40GB Datasheet HTML 4Page - Integrated Device Technology IDT72521L40GB Datasheet HTML 5Page - Integrated Device Technology IDT72521L40GB Datasheet HTML 6Page - Integrated Device Technology IDT72521L40GB Datasheet HTML 7Page - Integrated Device Technology IDT72521L40GB Datasheet HTML 8Page - Integrated Device Technology IDT72521L40GB Datasheet HTML 9Page - Integrated Device Technology IDT72521L40GB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
5.32
6
IDT72511/IDT72521
BIDIRECTIONAL FIRST-IN FIRST-OUT MEMORY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
When either of the internal FIFOs are accessed, 18 bits of
data are transferred across Port A. Since the bypass path is
only 9 bits wide, the least significant byte (DA0-DA7, DA16) is
used on Port A. All of the registers are 16 bits wide which
means only the data bits (DA0-DA15) are passed by Port A.
Bypass Path
The bypass path acts as a bidirectional bus transceiver
directly between Port A and Port B. The direct connection
requires that the Port A interface pins are inputs and the Port
B interface pins are outputs. The bypass path is 9 bits wide in
an 18- to 18-bit configuration or 18 bits wide in a 36- to
36-
bit configuration.
During bypass operations, the BiFIFOs must be pro-
grammed into peripheral interface mode. Bit 10 of Configura-
tion Register 5 (see Table 10) is set to 1 for peripheral
interface mode.
Command Register
Ten registers are accessible through Port A, a Command
Register, a Status Register, and eight Configuration
Registers.
Peripheral Interface Mode
If Port B is connected to a peripheral controller, all
BiFIFOs in the configuration must be programmed in peri-
pheral interface mode. In this mode, all the Port B interface
pins are all outputs. To assure fixed high states for
RB and
WB before they are programmed into an output, these two
pins should be pulled up to VCC with 10K resistors. Of
course, only one set of Port B interface pins should be used
to control a single peripheral device, while the other interface
pins are all ignored. Figure 2 shows a BiFIFO configuration
connected to a peripheral.
Port A Interface
The BiFIFO is straightforward to use in microprocessor-
based systems because each BiFIFO port has a standard
microprocessor control set. Port A has access to six re-
sources: the A
→B FIFO, the B→A FIFO, the 9-bit direct data
bus (bypass path), the configuration registers, status and
command registers. The Port A Address and Read/Write
pins determine the resource being accessed as shown in
Table 1. Data Strobe is used to move data in and out of the
BiFIFO.
IDT
BiFIFO
Processor
Peripheral
Controller
Data
Data A Data B
Data
Cntl A
Cntl B
ACK
Address
ACK
Cntl
I/O
Data
IDT
BiFIFO
Data A Data B
Cntl
A
Cntl B
RAM
18
REQ
REQ
ACK
REQ
CLK
CLK
DMA or System
Clock
Control
36
18
36
2668 drw 06
Figure 2. 36-Bit Processor to 36-Bit Peripheral Configuration
NOTE:
1. 36- to 36-bit peripheral interface configuration. Upper BiFIFO only is used in 18- to 18-bit configuration. Note that
Cntl A refers to
CSA, A1, A0, R/
WA, and DSA; Cntl B refers to R/WB and DSB or RB and WB.


Similar Part No. - IDT72521L40GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72520 IDT-IDT72520 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72520L25J IDT-IDT72520L25J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72520L35J IDT-IDT72520L35J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72520L50J IDT-IDT72520L50J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results

Similar Description - IDT72521L40GB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com